Electronic Components Datasheet Search
  English  ▼

X  

TRS213CPWR Datasheet(PDF) 10 Page - Texas Instruments

Part # TRS213CPWR
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS213CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TRS213CPWR Datasheet HTML 6Page - Texas Instruments TRS213CPWR Datasheet HTML 7Page - Texas Instruments TRS213CPWR Datasheet HTML 8Page - Texas Instruments TRS213CPWR Datasheet HTML 9Page - Texas Instruments TRS213CPWR Datasheet HTML 10Page - Texas Instruments TRS213CPWR Datasheet HTML 11Page - Texas Instruments TRS213CPWR Datasheet HTML 12Page - Texas Instruments TRS213CPWR Datasheet HTML 13Page - Texas Instruments TRS213CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.ti.com
APPLICATION INFORMATION
DOUT3
1
+
–
20
DIN3
400 k
Ω
5 V
21
5 k
Ω
27
ROUT3
26
RIN3
28
DOUT4
5 k
Ω
18
ROUT5
19
RIN5
17
+
–
16
15
+
–
C2–
C2+
DOUT1
2
400 k
Ω
5 V
DIN1
7
400 k
Ω
5 V
DIN2
6
DOUT2
3
RIN2
4
5 k
Ω
ROUT2
5
14
13
V+
12
+
–
11
+
–
GND
10
DIN4
C1+
C1–
V–
RIN1
9
5 k
Ω
ROUT1
8
24
EN
25
5 k
Ω
23
ROUT4
22
RIN4
400 k
Ω
5 V
CBYPASS
= 0.1 mF
C3(1) =
0.1 mF
6.3 V
C1 =
0.1 mF
6.3 V
C4 =
0.1 mF
16 V
C2 =
0.1 mF
16 V
(1) C3 can be connected to VCC or GND.
NOTES: A. Resistor values shown are nominal.
B. Nonpolarized ceramic capacitors are acceptable. If polarized tantalum or electrolytic capacitors are used, they
should be connected as shown.
SHDN = 5 V
VCC
VCC
TRS213
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS807 – JUNE 2007
Figure 6. Typical Operating Circuit and Capacitor Values
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com