Electronic Components Datasheet Search
  English  ▼

X  

CDCV304 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCV304
Description  200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCV304 Datasheet(HTML) 2 Page - Texas Instruments

  CDCV304 Datasheet HTML 1Page - Texas Instruments CDCV304 Datasheet HTML 2Page - Texas Instruments CDCV304 Datasheet HTML 3Page - Texas Instruments CDCV304 Datasheet HTML 4Page - Texas Instruments CDCV304 Datasheet HTML 5Page - Texas Instruments CDCV304 Datasheet HTML 6Page - Texas Instruments CDCV304 Datasheet HTML 7Page - Texas Instruments CDCV304 Datasheet HTML 8Page - Texas Instruments CDCV304 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
THERMAL INFORMATION
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
CDCV304
SCAS643F – SEPTEMBER 2000 – REVISED APRIL 2009................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
1Y[0:3]
3, 5, 7, 8
O
Buffered output clocks
CLKIN
1
I
Input reference frequency
GND
4
Power
Ground
OE
2
I
Output enable control
VDD
6
Power
Supply
THERMAL AIR FLOW (CFM)
CDCV304PW 8-PIN TSSOP
UNIT
0
150
250
500
RθJA
High K
149
142
138
132
°C/W
RθJA
Low K
230
185
170
150
°C/W
RθJC
High K
65
°C/W
RθJC
High K
69
°C/W
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
Supply voltage range, VDD
–0.5 V to 4.3 V
Input voltage range, VI
(2) (3)
–0.5 V to VDD + 0.5 V
Output voltage range, VO
(2) (3)
–0.5 V to VDD + 0.5 V
Input clamp current, IIK (VI < 0 or VI> VDD)
±50 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
±50 mA
Continuous total output current, IO (VO = 0 to VDD)
±50 mA
Package thermal impedance,
θ
JA: PW package
230.5°C/W
Storage temperature range Tstg
–65°C to 150°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
This value is limited to 4.6 V maximum.
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.3
3.6
V
Low-level input voltage, VIL
0.3 x VDD
V
High-level input voltage, VIH
0.7 x VDD
V
Input voltage, VI
0
VDD
V
VDD = 2.5 V
–12
High-level output current, IOH
mA
VDD = 3.3 V
–24
VDD = 2.5 V
12
Low-level output current, IOL
mA
VDD = 3.3 V
24
Operating free-air temperature, TA
–40
85
°C
2
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): CDCV304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com