Electronic Components Datasheet Search
  English  ▼

X  

CDCV304 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCV304
Description  200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCV304 Datasheet(HTML) 3 Page - Texas Instruments

  CDCV304 Datasheet HTML 1Page - Texas Instruments CDCV304 Datasheet HTML 2Page - Texas Instruments CDCV304 Datasheet HTML 3Page - Texas Instruments CDCV304 Datasheet HTML 4Page - Texas Instruments CDCV304 Datasheet HTML 5Page - Texas Instruments CDCV304 Datasheet HTML 6Page - Texas Instruments CDCV304 Datasheet HTML 7Page - Texas Instruments CDCV304 Datasheet HTML 8Page - Texas Instruments CDCV304 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TIMING REQUIREMENTS
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
CDCV304
www.ti.com................................................................................................................................................ SCAS643F – SEPTEMBER 2000 – REVISED APRIL 2009
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fclk
Clock frequency
0
200
MHz
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIK
Input voltage
VDD = 3 V,
II = –18 mA
–1.2
V
VDD = 2.3 V,
IOH = –8 mA
1.8
VDD = 2.3 V,
IOH = –16 mA
1.5
VOH
High-level output voltage
VDD = min to max,
IOH = –1 mA
VDD – 0.2
V
VDD = 3 V,
IOH = –24 mA
2
VDD = 3 V,
IOH = –12 mA
2.4
VDD = 2.3 V,
IOL = 8 mA
0.5
VDD = 2.3 V,
IOL = 16 mA
0.7
VOL
Low-level output voltage
VDD = min to max,
IOL = 1 mA
0.2
V
VDD = 3 V,
IOL = 24 mA
0.8
VDD = 3 V,
IOL = 12 mA
0.55
VDD = 3 V,
VO = 1 V
–50
IOH
High-level output current
mA
VDD = 3.3 V,
VO = 1.65 V
–55
VDD = 3 V,
VO = 2 V
60
IOL
Low-level output current
mA
VDD = 3.3 V,
VO = 1.65 V
70
II
Input current
VI = VO or VDD
±5
µA
f = 67 MHz,
VDD = 2.7 V
28
IDD
Dynamic current, see Figure 5
mA
f = 67 MHz,
VDD = 3.6 V
37
CI
Input capacitance
VDD = 3.3 V,
VI = 0 V or VDD
3
pF
CO
Output capacitance
VDD = 3.3 V,
VI = 0 V or VDD
3.2
pF
(1)
All typical values are with respect to nominal VDD and TA = 25°C.
VDD = 2.5 V ± 10%, CL= 10 pF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Low-to-high propagation delay
2
2.9
4.5
See Figure 1 and Figure 2
ns
tPHL
High-to-low propagation delay
2
3
4.5
tsk(o)
Output skew(2)
See Figure 3
50
150
ps
tr
Output rise slew rate
1.5
2.2
4
V/ns
tf
Output fall slew rate
1.5
2.2
4
V/ns
(1)
All typical values are with respect to nominal VDD.
(2)
The tsk(o) specification is only valid for equal loading of all outputs.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCV304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com