Electronic Components Datasheet Search
  English  ▼

X  

PCA9538 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9538
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9538 Datasheet(HTML) 2 Page - Texas Instruments

  PCA9538 Datasheet HTML 1Page - Texas Instruments PCA9538 Datasheet HTML 2Page - Texas Instruments PCA9538 Datasheet HTML 3Page - Texas Instruments PCA9538 Datasheet HTML 4Page - Texas Instruments PCA9538 Datasheet HTML 5Page - Texas Instruments PCA9538 Datasheet HTML 6Page - Texas Instruments PCA9538 Datasheet HTML 7Page - Texas Instruments PCA9538 Datasheet HTML 8Page - Texas Instruments PCA9538 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
PCA9538
SCPS126E – SEPTEMBER 2006 – REVISED JUNE 2008 ................................................................................................................................................ www.ti.com
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt signal on this line, the
remote I/O can inform the microcontroller if there is incoming data on its ports without having to communicate via
the I2C bus. Thus, the PCA9538 can remain a simple slave device.
The device outputs (latched) have high-current drive capability for directly driving LEDs. It has low current
consumption.
Two hardware pins (A0 and A1) are used to program and vary the fixed I2C address and allow up to four devices
to share the same I2C bus or SMBus.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGT
Reel of 3000
PCA9538RGTR
ZWZ
QFN – RGV
Reel of 2500
PCA9538RGVR
PREVIEW
QSOP – DBQ
Reel of 2500
PCA9538DBQR
PD538
Tube of 40
PCA9538DW
SOIC – DW
PCA9538
Reel of 2000
PCA9538DWR
–40°C to 85°C
Reel of 2000
PCA9538DBR
SSOP – DB
PD538
Tube of 80
PCA9538DB
Tube of 90
PCA9538PW
TSSOP – PW
PD538
Reel of 2000
PCA9538PWR
TVSOP – DGV
Reel of 2000
PCA9538DGVR
PD538
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
TERMINAL FUNCTIONS
NO.
QSOP (DBQ),
NAME
DESCRIPTION
SSOP (DB),
QFN (RGT) OR
TSSOP (PW), OR
QFN (RGV)
TVSOP (DGV)
1
15
A0
Address input. Connect directly to VCC or ground.
2
16
A1
Address input. Connect directly to VCC or ground.
Active-low reset input. Connect to VCC through a pullup resistor if no active
3
1
RESET
connection is used.
4
2
P0
P-port input/output. Push-pull design structure.
5
3
P1
P-port input/output. Push-pull design structure.
6
4
P2
P-port input/output. Push-pull design structure.
7
5
P3
P-port input/output. Push-pull design structure.
8
6
GND
Ground
9
7
P4
P-port input/output. Push-pull design structure.
10
8
P5
P-port input/output. Push-pull design structure.
11
9
P6
P-port input/output. Push-pull design structure.
12
10
P7
P-port input/output. Push-pull design structure.
13
11
INT
Interrupt output. Connect to VCC through a pullup resistor.
14
12
SCL
Serial clock bus. Connect to VCC through a pullup resistor.
15
13
SDA
Serial data bus. Connect to VCC through a pullup resistor.
16
14
VCC
Supply voltage
2
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): PCA9538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com