Electronic Components Datasheet Search
  English  ▼

X  

PCA9538 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9538
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9538 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCA9538 Datasheet HTML 19Page - Texas Instruments PCA9538 Datasheet HTML 20Page - Texas Instruments PCA9538 Datasheet HTML 21Page - Texas Instruments PCA9538 Datasheet HTML 22Page - Texas Instruments PCA9538 Datasheet HTML 23Page - Texas Instruments PCA9538 Datasheet HTML 24Page - Texas Instruments PCA9538 Datasheet HTML 25Page - Texas Instruments PCA9538 Datasheet HTML 26Page - Texas Instruments PCA9538 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Minimizing ICC When I/Os Control LEDs
LED
LEDx
VCC
100 kW
VCC
LED
3.3 V
5 V
LEDx
VCC
PCA9538
www.ti.com ................................................................................................................................................ SCPS126E – SEPTEMBER 2006 – REVISED JUNE 2008
When the I/Os are used to control LEDs, normally they are connected to VCC through a resistor as shown in
Figure 14. The LED acts as a diode, so when the LED is off, the I/O VIN is about 1.2 V less than VCC. ICC in
Electrical Characteristics shows how ICC increases as VIN becomes lower than VCC.
For battery-powered applications, it is essential that the voltage of I/O pins is greater than or equal to VCC when
the LED is off to minimize current consumption. Figure 15 shows a high-value resistor in parallel with the LED.
Figure 16 shows VCC less than the LED supply voltage by at least 1.2 V. Both of these methods maintain the I/O
VIN at or above VCC and prevents additional supply current consumption when the LED is off.
Figure 15. High-Value Resistor in Parallel With LED
Figure 16. Device Supplied by a Lower Voltage
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): PCA9538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com