Electronic Components Datasheet Search
  English  ▼

X  

ULN2003AI Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2003AI
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULN2003AI Datasheet(HTML) 5 Page - Texas Instruments

  ULN2003AI Datasheet HTML 1Page - Texas Instruments ULN2003AI Datasheet HTML 2Page - Texas Instruments ULN2003AI Datasheet HTML 3Page - Texas Instruments ULN2003AI Datasheet HTML 4Page - Texas Instruments ULN2003AI Datasheet HTML 5Page - Texas Instruments ULN2003AI Datasheet HTML 6Page - Texas Instruments ULN2003AI Datasheet HTML 7Page - Texas Instruments ULN2003AI Datasheet HTML 8Page - Texas Instruments ULN2003AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ULN2002A, ULN2003A, ULN2003AI, ULN2004A
ULQ2003A, ULQ2004A
www.ti.com
SLRS027J – DECEMBER 1976 – REVISED JUNE 2010
ELECTRICAL CHARACTERISTICS
TA = 25°C
ULN2003A
ULN2004A
TEST
PARAMETER
TEST CONDITIONS
UNIT
FIGURE
MIN
TYP
MAX
MIN
TYP
MAX
IC = 125 mA
5
IC = 200 mA
2.4
6
IC = 250 mA
2.7
VI(on)
On-state input voltage
Figure 6
VCE = 2 V
V
IC = 275 mA
7
IC = 300 mA
3
IC = 350 mA
8
II = 250 mA,
IC = 100 mA
0.9
1.1
0.9
1.1
Collector-emitter
VCE(sat)
Figure 5
II = 350 mA,
IC = 200 mA
1
1.3
1
1.3
V
saturation voltage
II = 500 mA,
IC = 350 mA
1.2
1.6
1.2
1.6
Figure 1
VCE = 50 V,
II = 0
50
50
ICEX
Collector cutoff current
VCE = 50 V,
II = 0
100
100
mA
Figure 2
TA = 70°C
VI = 6 V
500
VF
Clamp forward voltage
Figure 8
IF = 350 mA
1.7
2
1.7
2
V
VCE = 50 V,
IC = 500 mA
II(off)
Off-state input current
Figure 3
50
65
50
65
mA
TA = 70°C,
VI = 17 V
0.93
1.35
II
Input current
Figure 4
0.35
0.5
mA
1
1.45
50
50
IR
Clamp reverse current
Figure 7
VR = 50 V
mA
TA = 70°C
100
100
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
15
25
pF
ELECTRICAL CHARACTERISTICS
TA = 25°C
ULN2003AI
TEST
PARAMETER
TEST FIGURE
UNIT
CONDITIONS
MIN
TYP
MAX
IC = 200 mA
2.4
VI(on)
On-state input voltage
Figure 6
VCE = 2 V
IC = 250 mA
2.7
V
IC = 300 mA
3
II = 250 mA,
IC = 100 mA
0.9
1.1
VCE(sat)
Collector-emitter saturation voltage
Figure 5
II = 350 mA,
IC = 200 mA
1
1.3
V
II = 500 mA,
IC = 350 mA
1.2
1.6
ICEX
Collector cutoff current
Figure 1
VCE = 50 V,
II = 0
50
mA
VF
Clamp forward voltage
Figure 8
IF = 350 mA
1.7
2
V
II(off)
Off-state input current
Figure 3
VCE = 50 V,
IC = 500 mA
50
65
mA
II
Input current
Figure 4
VI = 3.85 V
0.93
1.35
mA
IR
Clamp reverse current
Figure 7
VR = 50 V
50
mA
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
pF
Copyright © 1976–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com