Electronic Components Datasheet Search
  English  ▼

X  

ULN2003AI Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2003AI
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULN2003AI Datasheet(HTML) 2 Page - Texas Instruments

  ULN2003AI Datasheet HTML 1Page - Texas Instruments ULN2003AI Datasheet HTML 2Page - Texas Instruments ULN2003AI Datasheet HTML 3Page - Texas Instruments ULN2003AI Datasheet HTML 4Page - Texas Instruments ULN2003AI Datasheet HTML 5Page - Texas Instruments ULN2003AI Datasheet HTML 6Page - Texas Instruments ULN2003AI Datasheet HTML 7Page - Texas Instruments ULN2003AI Datasheet HTML 8Page - Texas Instruments ULN2003AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
7C
6C
5C
4C
3C
2C
1C
COM
7
6
5
4
3
2
1
7B
6B
5B
4B
3B
2B
1B
10
11
12
13
14
15
16
9
ULN2002A, ULN2003A, ULN2003AI, ULN2004A
ULQ2003A, ULQ2004A
SLRS027J – DECEMBER 1976 – REVISED JUNE 2010
www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
ULN2002AN
ULN2002AN
PDIP – N
Tube of 25
ULN2003AN
ULN2003AN
ULN2004AN
ULN2004AN
Tube of 40
ULN2003AD
Reel of 2500
ULN2003ADR
ULN2003A
SOIC – D
Reel of 2500
ULN2003ADRG3
–20°C to 70°C
Tube of 40
ULN2004AD
ULN2004A
Reel of 2500
ULN2004ADR
ULN2003ANSR
ULN2003A
SOP – NS
Reel of 2000
ULN2004ANSR
ULN2004A
Tube of 90
ULN2003APW
TSSOP – PW
UN2003A
Reel of 2000
ULN2003APWR
ULQ2003AN
ULQ2003A
PDIP – N
Tube of 25
ULQ2004AN
ULQ2004AN
Tube of 40
ULQ2003AD
–40°C to 85°C
ULQ2003A
Reel of 2500
ULQ2003ADR
SOIC – D
Tube of 40
ULQ2004AD
ULQ2004A
Reel of 2500
ULQ2004ADR
PDIP – N
Tube of 425
ULN2003AIN
ULN2003AIN
Tube of 40
ULN2003AID
–40°C to 105°C
SOIC – D
ULN2003AI
Reel of 2500
ULN2003AIDR
TSSOP – PW
Reel of 2500
ULN2003AIPWR
UN2003AI
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
LOGIC DIAGRAM
2
Submit Documentation Feedback
Copyright © 1976–2010, Texas Instruments Incorporated
Product Folder Link(s): ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com