Electronic Components Datasheet Search
  English  ▼

X  

QLS30ZB Datasheet(PDF) 7 Page - Power-One

Part # QLS30ZB
Description  QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

QLS30ZB Datasheet(HTML) 7 Page - Power-One

  QLS30ZB Datasheet HTML 1Page - Power-One QLS30ZB Datasheet HTML 2Page - Power-One QLS30ZB Datasheet HTML 3Page - Power-One QLS30ZB Datasheet HTML 4Page - Power-One QLS30ZB Datasheet HTML 5Page - Power-One QLS30ZB Datasheet HTML 6Page - Power-One QLS30ZB Datasheet HTML 7Page - Power-One QLS30ZB Datasheet HTML 8Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
QLS30 Series – 30A Quarter-Brick DC/DC Converter
48V Input
Data Sheet
1.8V, 1.5V, 1.2V Output
REV. 10/01
Page 7 of 8
chassis ground trace (if applicable) must be
capable of conducting a current of 1.5 times the
value of the fuse without opening. The fuse must
not be placed in the grounded input line, if any.
In order for the output of the QLS30 series
converter to be considered as SELV (Safety Extra
Low Voltage) or TNV-1, according to all IEC60950
based
standards,
one
of
the
following
requirements must be met in the system design:
•
If the voltage source feeding the module is
SELV or TNV-2, the output of the converter
may be grounded or ungrounded.
•
If the voltage source feeding the module is
ELV, the output of the converter may be
considered
SELV
only
if
the
output
is
grounded
per
the
requirements
of
the
standard.
•
If the voltage source feeding the module is a
Hazardous Voltage Secondary Circuit, the
voltage source feeding the module must be
provided
with
at
least
Basic
insulation
between the source to the converter and any
hazardous voltages.
The entire system,
including the QLS30 converter, must pass a
dielectric
withstand
test
for
reinforced
insulation.
Design of this type of systems
requires
expert
engineering
and
understanding
of
the
overall
safety
requirements and should be performed by
qualified personnel.
Thermal Considerations
The QLS30 series converters are designed for
both natural and forced convection cooling. The
maximum allowable output current of the
converters is determined by meeting the derating
criteria of all electronic components used in the
power supplies. An example of the derating
criteria for the semiconductor junction
temperature is not to exceed 120
°C to provide
reliable long-term operation of the converters.
Please contact Power-One for more derating
criteria for other components. The graphs in
Figures 10-12 show the maximum output current
of the QLS30 series converters at different
ambient temperatures under both natural and
forced (longitudinal airflow direction, from pin 1 to
pin 3) convection. As an example, from Figure
11, the QLS30ZA operating at 55
°C can deliver
up to 25A reliably with 100LFM forced air, while
up to 29A reliably with 200LFM forced air.
0
5
10
15
20
25
30
35
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (C)
0
100LFM
200LFM
300LFM
400LFM
Fig.10 QLS30ZB (1.8V) derating curves
0
5
10
15
20
25
30
35
25
30
35
40
45
50
55
60
65
70
75
80
Ambient Temperature (C)
0
100LFM
200LFM
300LFM
400LFM
Fig.11 QLS30ZA (1.5V) derating curves
0
5
10
15
20
25
30
35
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (C)
0
100LF
M
200LF
Fig.12 QLS30ZY (1.2V) derating curves
.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com