Electronic Components Datasheet Search
  English  ▼

X  

QLS30ZB Datasheet(PDF) 8 Page - Power-One

Part # QLS30ZB
Description  QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

QLS30ZB Datasheet(HTML) 8 Page - Power-One

  QLS30ZB Datasheet HTML 1Page - Power-One QLS30ZB Datasheet HTML 2Page - Power-One QLS30ZB Datasheet HTML 3Page - Power-One QLS30ZB Datasheet HTML 4Page - Power-One QLS30ZB Datasheet HTML 5Page - Power-One QLS30ZB Datasheet HTML 6Page - Power-One QLS30ZB Datasheet HTML 7Page - Power-One QLS30ZB Datasheet HTML 8Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
QLS30 Series – 30A Quarter-Brick DC/DC Converter
48V Input
Data Sheet
1.8V, 1.5V, 1.2V Output
REV. 10/01
Page 8 of 8
Mechanical Drawing
Ordering Information
Options
Suffixes to add to part number
Remote ON/OFF
Positive- Standard, no suffix required
Negative- Add “N” suffix
Trim
Negative- Standard, no suffix required
Positive - Add “T” suffix
Pin Length
0.18”- Standard, no suffix required
0.11”- Add “8” suffix
0.15”- Add “9” suffix
Notes
1.
Consult factory for the complete list of available options.
2.
Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous
environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
3.
Specifications are subject to change without notice.
Tolerances:
.xx + .020 (.5)
.xxx + .010 (.25)
Pin Diameter
+ 0.002 (.05)
PIN
FUNCTION
1-Vin
2On/Off
3+Vin
4
-Vout
5
-Sense
6Trim
7
+Sense
8
+Vout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com