Electronic Components Datasheet Search
  English  ▼

X  

SL486 Datasheet(PDF) 3 Page - Power-One

Part # SL486
Description  6...12 A Switching Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

SL486 Datasheet(HTML) 3 Page - Power-One

  SL486 Datasheet HTML 1Page - Power-One SL486 Datasheet HTML 2Page - Power-One SL486 Datasheet HTML 3Page - Power-One SL486 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
282
www.power-one.ch
Edition 5/05.2001
PSL Series
6...12 A Switching Regulators
Pin allocation
Pin
Electrical determination
Design.
2
R-input (or inhibit input)
R (i)
5
Undervoltage monitor (Option D)
D
8
Output voltage (negative)
Go–
11
Output voltage (negative)
Go–
14
Output voltage (positive)
Vo+
17
Output voltage (positive)
Vo+
20
Input voltage (negative)
Gi–
23
Input voltage (negative)
Gi–
26
Input voltage (positive)
Vi+
29
Input voltage (positive)
Vi+
32
Protective ground (leading pin)
Options
Extended temperature range
–40...71
°C, ambient, operating
-9
Inhibit, TTL input, output(s) enabled if left open
i
Output voltage adjustment
0...108%
Uo nom
R
Additional internal input filter
L
Output voltage adjustment
±8% U
o nom
P
Thyristor crowbar on output
C
Input or output undervoltage monitoring
D/D1
Test sockets for check of output voltage
A
S10007
32 29 26 23 20 17 14 11 8
5 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com