Electronic Components Datasheet Search
  English  ▼

X  

SL486 Datasheet(PDF) 4 Page - Power-One

Part # SL486
Description  6...12 A Switching Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

SL486 Datasheet(HTML) 4 Page - Power-One

  SL486 Datasheet HTML 1Page - Power-One SL486 Datasheet HTML 2Page - Power-One SL486 Datasheet HTML 3Page - Power-One SL486 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
283
www.power-one.ch
Edition 5/05.2001
Mechanical data
Tolerances
±0.3 mm (0.012") unless otherwise indicated.
Cassette Style
PSL Series
Accessories
Isolation pads for easy and safe PCB mounting
Ring core chokes for ripple and interference reduction
127 (5")
168.5 (6.63")
173.7 (6.83")
Measuring point of
case temperature
T
C
M3, 4 mm deep
(for mounting screws)
20 (0.79")
S09027
European
Projection



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com