Electronic Components Datasheet Search
  English  ▼

X  

G3HD Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G3HD
Description  Solid State Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3HD Datasheet(HTML) 1 Page - Omron Electronics LLC

  G3HD Datasheet HTML 1Page - Omron Electronics LLC G3HD Datasheet HTML 2Page - Omron Electronics LLC G3HD Datasheet HTML 3Page - Omron Electronics LLC G3HD Datasheet HTML 4Page - Omron Electronics LLC G3HD Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
CSM_G3H_G3HD_DS_E_3_1
Solid State Relays G3
@-VD
G3H/G3HD
New Models with International Standards
Added to G3H Series (-VD in model number).
Same Profile as LY1 and LY2 Bi-power
Relays
• Certified by UL, CSA, and VDE (models numbers with a suffix
of “-VD”).
• Socket type, same size as LY Power Relays.
• Operation indicator provided to confirm input (models numbers
with “N” before the suffix).
Refer to Safety Precautions for All Solid State
Relays.
Model Number Structure
■ Model Number Legend
1.
Basic Model Name
G3H:
Solid State Relay
2.
Rated Load Power Supply Voltage
2:
200 VAC
3, 4. Rated Load Current
03:
3 A
5.
Terminal Type
S:
Plug-in terminals
6.
Zero Cross Function
Blank:
Equipped with zero cross function
L:
Not equipped with zero cross function
7.
Operation Indicator
Blank:
Not equipped with operation indicator
N:
Equipped with operation indicator
8.
Certification
VD:
Certified by UL, CSA, and VDE standards
1.
Basic Model Name
G3H:
Solid State Relay
2.
Load Power Supply Type
D:
DC
3.
Rated Load Power Supply Voltage
X:
50 VDC
4.
Rated Load Current
03:
3 A
5.
Terminal Type
S:
Plug-in terminals
6.
Operation Indicator
Blank:
Not equipped with operation indicator
N:
Equipped with operation indicator
7.
Certification
VD:
Certified by UL, CSA, VDE
1
23 4 56 7
8
G3H-
@@@@@@-@
1
23 4 5 6
7
G3HD
-@@@@-@


Similar Part No. - G3HD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3HD-202SNDC12-24V OMRON-G3HD-202SNDC12-24V Datasheet
372Kb / 6P
New Models with International Standards
G3HD-X03S-DC3-28 OMRON-G3HD-X03S-DC3-28 Datasheet
372Kb / 6P
New Models with International Standards
G3HD-X03SN-VDDC5-24 OMRON-G3HD-X03SN-VDDC5-24 Datasheet
372Kb / 6P
New Models with International Standards
G3HD-X03SNDC5-24 OMRON-G3HD-X03SNDC5-24 Datasheet
372Kb / 6P
New Models with International Standards
More results

Similar Description - G3HD

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
Solid-State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
Solid State Relays
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
Solid-state relays
OV-24DC PHOENIX-OV-24DC Datasheet
168Kb / 4P
Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com