Electronic Components Datasheet Search
  English  ▼

X  

G3HD Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3HD
Description  Solid State Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3HD Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3HD Datasheet HTML 1Page - Omron Electronics LLC G3HD Datasheet HTML 2Page - Omron Electronics LLC G3HD Datasheet HTML 3Page - Omron Electronics LLC G3HD Datasheet HTML 4Page - Omron Electronics LLC G3HD Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
G3H/G3HD
2
Ordering Information
■ List of Models
Note: 1. Product is labelled “240 VAC”.
2. Product is labelled “48 VDC”.
3. Product is labelled “240 VDC”.
4. When ordering, specify the rated input voltage.
■ Accessories (Order Separately)
Connecting Sockets
Specifications
■ Ratings (at an Ambient Temperature of 25°C)
Input
Note: 1. The input impedance is given for the maximum operating voltage. For details, refer to the Technical Guide for Solid State Relays.
2. With constant current input system.
Isolation
Zero cross
function
Indicator
Rated output load
Rated input voltage
Model
Photocoupler
Yes
Yes
3 A at 100 to 240 VAC
(See note 1.)
5 to 24 VDC
G3H-203SN-VD
Phototriac coupler
No
5 VDC
G3H-203SLN-VD
12 VDC
24 VDC
Photocoupler
---
3 A at 4 to 48 VDC
(See note 2.)
5 to 24 VDC
G3HD-X03SN-VD
Photocoupler
Yes
No
3 A at 100 to 240 VAC
(See note 1.)
4 to 24 VDC
G3H-203S-VD
Phototriac coupler
No
5 VDC
G3H-203SL-VD
12 VDC
24 VDC
Photocoupler
---
3 A at 4 to 48 VDC
(See note 2.)
4 to 24 VDC
G3HD-X03S-VD
Photodiode array
---
Yes
2.5 A at 24 to 240 VDC
(See note 3.)
12 to 24 VDC
G3HD-202SN-VD
Item
PTF08A-E
PT08
PT08-0
PT08QN
Connecting
Front connecting
Back connecting
Mounting method/
Terminal type
Track mounted
screw terminals
Solder terminals
PCB terminals
Wire-wrapping terminals
Hold-down clip
PYC-A1
PYC-P
Model
Rated voltage
Operating voltage
Impedance
Voltage level
Must operate voltage
Must release voltage
G3H-203SN-VD
5 to 24 VDC
4 to 28 VDC
15 mA max. (See note 2.)
4 VDC max.
1 VDC min.
G3H-203SLN-VD 5 VDC
4 to 6 VDC
390
Ω±20%
4 VDC max.
1 VDC min.
12 VDC
9.6 to 14.4 VDC
900
Ω±20%
9.6 VDC max.
24 VDC
19.2 to 28.8 VDC
2 k
Ω±20%
19.2 VDC max.
G3HD-X03SN-VD 5 to 24 VDC
4 to 28 VDC
1.5 k
Ω +20%/–10% (See note 1.) 4 VDC max.
1 VDC min.
G3H-203S-VD
4 to 24 VDC
3 to 28 VDC
15 mA max. (See note 2.)
3 VDC max.
1 VDC min.
G3H-203SL-VD
5 VDC
4 to 6 VDC
390
Ω±20%
4 VDC max.
1 VDC min.
12 VDC
9.6 to 14.4 VDC
900
Ω±20%
9.6 VDC max.
24 VDC
19.2 to 28.8 VDC
2 k
Ω±20%
19.2 VDC max.
G3HD-X03S-VD
4 to 24 VDC
3 to 28 VDC
1.5 k
Ω +20%/–10% (See note 1.) 3 VDC max.
1 VDC min.
G3HD-202SN-VD 12 to 24 VDC
9.6 to 28.8 VDC
25 mA max. (at 24 VDC)
(See note 2.)
9.6 VDC max.
1 VDC min.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com