Electronic Components Datasheet Search
  English  ▼

X  

UMJS8 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # UMJS8
Description  Safety Mat/Safety Mat Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

UMJS8 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button UMJS8 Datasheet HTML 4Page - Omron Electronics LLC UMJS8 Datasheet HTML 5Page - Omron Electronics LLC UMJS8 Datasheet HTML 6Page - Omron Electronics LLC UMJS8 Datasheet HTML 7Page - Omron Electronics LLC UMJS8 Datasheet HTML 8Page - Omron Electronics LLC UMJS8 Datasheet HTML 9Page - Omron Electronics LLC UMJS8 Datasheet HTML 10Page - Omron Electronics LLC UMJS8 Datasheet HTML 11Page - Omron Electronics LLC UMJS8 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
UM/MC3
8
Accessories
MAT4
MAT5
MAT6
115.8
38.1
101.6
38.1
38.1
217.4
228.6
215.9
60.5
78.2 75.7
50.8
38.1
MAT3
MAT2
MAT1
Distribution Box
UMDB-6
Mounting hole dimensions
49.9
20
Female B
Female A
4: Black
1: Brown
3: Red/black
2: Red/white
1
4
3: Blue
2: White
4
Male
1
3
2
1 (Brown)
4 (Black)
2 (White)
3 (Blue)
Y Connector
UM-Y-2-1
Internal wiring
Panel-mount Connector
UMPMC
19.1
15.5
11.5
304.8
M12×1
Pin arrangement
L
*
1 (Brown)
4 (Black)
2 (White)
3 (Blue)
1 (Brown)
4 (Black)
2 (White)
3 (Blue)
Extension Cable
UMEC-03, UMEC-05
UMEC-10, UMEC-15
*Cable length
Model
L (m)
Model
L (m)
UMEC-03
3
UMEC-05
5
UMEC-10
10
UMEC-15
15
Pin arrangement
Female (socket)
Male (plug)
6 dia.
40.7
14.9 dia.
L
*
50
30
5
45°
5 dia.
M12
Terminal No.
Cable color of
core sheath
Brown
White
Blue
Black
1 (Brown)
4 (Black)
2 (White)
3 (Blue)
Connector with Cable Socket on One Cable End
XS2F-D421-C80-A
XS2F-D421-D80-A
XS2F-D421-G80-A
XS2F-D421-J80-A
*Cable length
Model
L (m)
XS2F-D421-C80-A
1
XS2F-D421-D80-A
2
XS2F-D421-G80-A
5
XS2F-D421-J80-A
10
Pin arrangement
Wiring diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com