Electronic Components Datasheet Search
  English  ▼

X  

AP2301 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2301
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2301 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP2301 Datasheet HTML 2Page - Diodes Incorporated AP2301 Datasheet HTML 3Page - Diodes Incorporated AP2301 Datasheet HTML 4Page - Diodes Incorporated AP2301 Datasheet HTML 5Page - Diodes Incorporated AP2301 Datasheet HTML 6Page - Diodes Incorporated AP2301 Datasheet HTML 7Page - Diodes Incorporated AP2301 Datasheet HTML 8Page - Diodes Incorporated AP2301 Datasheet HTML 9Page - Diodes Incorporated AP2301 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
6 of 18
www.diodes.com
June 2010
© Diodes Incorporated
Typical Performance Characteristics (Continued)
VOUT
2V/div
Short-Circuit to No-Load
Recovery Response
FLG
5V/div
TA=25°C
VIN=5V
ROUT=0Ω
Output short
circuit removed
Short circuit present and
device thermal cycles
IIN
2A/div
TA=25°C
VIN=5V
ROUT=0Ω
VOUT
2V/div
FLG
5V/div
IIN
2A/div
No-Load to Short-Circuit
Transient Response
Output short
circuited
Device enters current limit
VOUT
2V/div
Short-Circuit to Full-Load
Recovery Response
FLG
5V/div
TA=25°C
VIN=5V
ROUT=2.5Ω
Output short
circuit removed
Short circuit present and
device thermal cycles
IIN
2A/div
TA=25°C
VIN=5V
ROUT=2.5Ω
VOUT
2V/div
FLG
5V/div
IIN
2A/div
Full-Load to Short-Circuit
Transient Response
Output short
circuited
Device turns off and re-enables
into current limit
Inrush Current
TA=25°C
VIN=5V
ROUT=2.5Ω
VEN
5V/div
IOUT
1A/div
CL=120uF
CL=220uF
CL=470uF
Device Enabled Into Short-Circuit
TA=25°C
VIN=5V
CL=120uF
ROUT=1Ω
VEN
5V/div
IOUT
1A/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com