Electronic Components Datasheet Search
  English  ▼

X  

AP2301 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP2301
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2301 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP2301 Datasheet HTML 8Page - Diodes Incorporated AP2301 Datasheet HTML 9Page - Diodes Incorporated AP2301 Datasheet HTML 10Page - Diodes Incorporated AP2301 Datasheet HTML 11Page - Diodes Incorporated AP2301 Datasheet HTML 12Page - Diodes Incorporated AP2301 Datasheet HTML 13Page - Diodes Incorporated AP2301 Datasheet HTML 14Page - Diodes Incorporated AP2301 Datasheet HTML 15Page - Diodes Incorporated AP2301 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
12 of 18
www.diodes.com
June 2010
© Diodes Incorporated
Application Note (Continued)
Thermal Protection
Thermal protection prevents the IC from damage when heavy-overload or short-circuit faults are present for
extended periods of time. The AP2301/AP2311 implements a thermal sensing to monitor the operating junction
temperature of the power distribution switch. Once the die temperature rises to approximately 140°C due to
excessive power dissipation in an over-current or short-circuit condition the internal thermal sense circuitry turns
the power switch off, thus preventing the power switch from damage. Hysteresis is built into the thermal sense
circuit allowing the device to cool down approximately 20°C before the switch turns back on. The switch continues
to cycle in this manner until the load fault or input power is removed. The FLG open-drain output is asserted when
an over-temperature shutdown or over-current occurs with 7-ms deglitch.
Under-voltage Lockout (UVLO)
Under-voltage lockout function (UVLO) keeps the internal power switch from being turned on until the power
supply has reached at least 2V, even if the switch is enabled. Whenever the input voltage falls below
approximately 2V, the power switch is quickly turned off. This facilitates the design of hot-insertion systems where
it is not possible to turn off the power switch before input power is removed.
Discharge Function
The discharge function of the device is active when enable is disabled or de-asserted. The discharge function with
the N-MOS power switch implementation is activated and offers a resistive discharge path for the external storage
capacitor. This is designed for discharging any residue of the output voltage when either no external output
resistance or load resistance is present at the output.
Ordering Information
AP 23 X 1 XXX G - X
0 : Active Low
1 : Active High
G : Green
7/13 : Tape & Reel
1 : 1 Channel
Channel
Green
Package
Enable
Packing
S : SO-8
MP : MSOP-8-EP
FGE : DFN3030E-8
Device
Package
Code
Packaging
(Note 7)
7”/13” Tape and Reel
Quantity
Part Number Suffix
AP23X1SG-13
S
SO-8
2500/Tape & Reel
-13
AP23X1MPG-13
MP
MSOP-8-EP
2500/Tape & Reel
-13
AP23X1FGEG-7
FGE
DFN3030E-8
3000/Tape & Reel
-7
Notes:
7. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com