Electronic Components Datasheet Search
  English  ▼

X  

AP7335 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP7335
Description  300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7335 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP7335 Datasheet HTML 3Page - Diodes Incorporated AP7335 Datasheet HTML 4Page - Diodes Incorporated AP7335 Datasheet HTML 5Page - Diodes Incorporated AP7335 Datasheet HTML 6Page - Diodes Incorporated AP7335 Datasheet HTML 7Page - Diodes Incorporated AP7335 Datasheet HTML 8Page - Diodes Incorporated AP7335 Datasheet HTML 9Page - Diodes Incorporated AP7335 Datasheet HTML 10Page - Diodes Incorporated AP7335 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AP7335
300mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7335
Document number: DS32259 Rev. 1 - 2
7 of 18
www.diodes.com
July 2010
© Diodes Incorporated
Typical Performance Characteristics (Continued)
PSRR
0
10
20
30
40
50
60
70
80
0.1
1
10
100
Frequency(kHz)
PSRR
0
10
20
30
40
50
60
70
80
0.1
1
10
100
Frequency(kHz)
PSRR
0
10
20
30
40
50
60
70
80
0.1
1
10
100
Frequency(kHz)
PSRR
0
10
20
30
40
50
60
70
80
0.1
1
10
100
Frequency(kHz)
IOUT=50mA
IOUT=50mA
IOUT=300mA
VIN=2.25V+0.5VppAC
VOUT=1.2V
CIN=none, COUT=1μF
TA=25°C
VIN=2.25V+0.5VppAC
VOUT=0.8V
CIN=none, COUT=1μF
TA=25°C
IOUT=300mA
VIN=2.8V+0.5VppAC
VOUT=1.8V
CIN=none, COUT=1μF
TA=25°C
IOUT=300mA
IOUT=50mA
IOUT=300mA
VIN=4.3V+0.5VppAC
VOUT=3.3V
CIN=none, COUT=1μF
TA=25°C
IOUT=50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com