Electronic Components Datasheet Search
  English  ▼

X  

AP7335 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP7335
Description  300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7335 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP7335 Datasheet HTML 10Page - Diodes Incorporated AP7335 Datasheet HTML 11Page - Diodes Incorporated AP7335 Datasheet HTML 12Page - Diodes Incorporated AP7335 Datasheet HTML 13Page - Diodes Incorporated AP7335 Datasheet HTML 14Page - Diodes Incorporated AP7335 Datasheet HTML 15Page - Diodes Incorporated AP7335 Datasheet HTML 16Page - Diodes Incorporated AP7335 Datasheet HTML 17Page - Diodes Incorporated AP7335 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
AP7335
300mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7335
Document number: DS32259 Rev. 1 - 2
15 of 18
www.diodes.com
July 2010
© Diodes Incorporated
Marking Information
(1) SOT25
1
2
3
5
4
XX Y W X
( Top View )
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Green
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Device
Package
Identification Code
AP7335-ADJ
SOT25
ZA
AP7335-08
SOT25
ZB
AP7335-10
SOT25
ZC
AP7335-12
SOT25
ZD
AP7335-15
SOT25
ZE
AP7335-18
SOT25
ZF
AP7335-20
SOT25
ZG
AP7335-25
SOT25
ZH
AP7335-28
SOT25
ZJ
AP7335-30
SOT25
ZK
AP7335-33
SOT25
ZM
AP7335-39
SOT25
ZN
(2) DFN2020-6
Y : Year : 0~9
( Top View )
Y W X
XX
XX : Identification Code
X : A~Z : Green
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Device
Package
Identification Code
AP7335-ADJ
DFN2020-6
ZA
AP7335-08
DFN2020-6
ZB
AP7335-10
DFN2020-6
ZC
AP7335-12
DFN2020-6
ZD
AP7335-15
DFN2020-6
ZE
AP7335-18
DFN2020-6
ZF
AP7335-20
DFN2020-6
ZG
AP7335-25
DFN2020-6
ZH
AP7335-28
DFN2020-6
ZJ
AP7335-30
DFN2020-6
ZK
AP7335-33
DFN2020-6
ZM
AP7335-39
DFN2020-6
ZN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com