Electronic Components Datasheet Search
  English  ▼

X  

PT2249A Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2249A
Description  Infrared Remote Control Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2249A Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2249A Datasheet HTML 1Page - Princeton Technology Corp PT2249A Datasheet HTML 2Page - Princeton Technology Corp PT2249A Datasheet HTML 3Page - Princeton Technology Corp PT2249A Datasheet HTML 4Page - Princeton Technology Corp PT2249A Datasheet HTML 5Page - Princeton Technology Corp PT2249A Datasheet HTML 6Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Infrared Remote Control Receiver
PT2249A / PT2250A Series
PT2249A/50A v 2.3
Page 4
Revised Dec. 1999
Application Note:
1. Combination of PT2248/PT2249A Series Code Bits
a) PT2249A Series Code Bit C1 is internally pulled high and thereby set
at a default value of “1”. Thus, PT2248 Code Bit C1 must be set at “1”.
b) PT2249A Series Code Bits C2 and C3 may be programmed as follows:
1) “0”, “0” (This combination is not available with TC9149.)
2) “0”, “1”
3) “1”, “0”
4) “1”, “1”
c) To set Code Bit to “1” on PT2248, diodes must be connected to Code
Terminal from the T1 ~ T3 terminals.
d) To set Code Bit to “0” on PT2248, the terminals must be kept floating,
except C1 - add one diode.
e) The Code Bits Combinations of PT2248 and PT2249A Series are shown
below:
PT2248
PT2249A Series
C1
C2
C3
C2
C3
1
0
000
1
0
101
1
1
010
1
1
111
f) Example : (Refer to Example 1 diagram)
The following example shows the case when PT2248 Code Bits C1 = 1,
C2 = 1, and C3 = 0. The CODE2 Pin of the PT2249A Series is
programmed in floating state and CODE3 pin is connected to Vss (C2 = 1,



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com