Electronic Components Datasheet Search
  English  ▼

X  

PT2249A Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2249A
Description  Infrared Remote Control Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2249A Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2249A Datasheet HTML 1Page - Princeton Technology Corp PT2249A Datasheet HTML 2Page - Princeton Technology Corp PT2249A Datasheet HTML 3Page - Princeton Technology Corp PT2249A Datasheet HTML 4Page - Princeton Technology Corp PT2249A Datasheet HTML 5Page - Princeton Technology Corp PT2249A Datasheet HTML 6Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Infrared Remote Control Receiver
PT2249A / PT2250A Series
PT2249A/50A v 2.3
Page 1
Revised Dec. 1999
Description
The PT2249A / PT2250A Series are infra-red remote control receivers utilizing
CMOS Technology. Remote Control System can be constructed together with the
PT2248 remote control encoder. The PT2249A Series are packaged in 16 pins
DIP and are capable of controlling 10 functions while the PT2250A Series are
packaged in 24 pins DIP and are capable of controlling 18 functions. Several
options, inverting/non-inverting IR signal input and/or dependent/independent
cyclic (toggle) outputs, are provided to fit different application needs.
Features
!
CMOS Technology
!
Low Power Consumption
!
Very High Noise Immunity
!
Able to output parallel multiple keying signals sent from the transmitter
(PT2249A is able to output up to 5 functions simultaneously while
PT2250A is able to output up to 6 functions simultaneously)
!
Outputs for single pulse, hold pulse and cyclic pulse are provided
!
A single terminal type oscillator by means of RC is provided
!
Code Detection Circuit prevents interference from various types of
machines and apparatus
!
Digital Filtering and Code Checking prevent interference from light
sources such as PL Lamp without sacrificing the receiving sensitivity
Applications
!
Audio Equipment Remote Control
!
Television (TV) Remote Control
!
Video Cassette Recorder (VCR) Remote Control


Similar Part No. - PT2249A

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2249A PTC-PT2249A Datasheet
488Kb / 23P
Remote Control Receiver IC
PT2249A-SN PTC-PT2249A-SN Datasheet
488Kb / 23P
Remote Control Receiver IC
PT2249AHN PTC-PT2249AHN Datasheet
488Kb / 23P
Remote Control Receiver IC
PT2249AL PTC-PT2249AL Datasheet
488Kb / 23P
Remote Control Receiver IC
PT2249A PTC-PT2249A_07 Datasheet
488Kb / 23P
Remote Control Receiver IC
More results

Similar Description - PT2249A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8160 STMICROELECTRONICS-TDA8160 Datasheet
51Kb / 4P
INFRARED REMOTE CONTROL RECEIVER
Aug-1992
logo
New Japan Radio
NJL24H400A NJRC-NJL24H400A Datasheet
150Kb / 7P
INFRARED REMOTE CONTROL RECEIVER
NJL61V360A NJRC-NJL61V360A Datasheet
223Kb / 6P
INFRARED REMOTE CONTROL RECEIVER
logo
Silan Microelectronics ...
SC9150A SILAN-SC9150A Datasheet
155Kb / 13P
INFRARED REMOTE CONTROL RECEIVER
logo
New Japan Radio
NJL31H360A NJRC-NJL31H360A Datasheet
143Kb / 7P
INFRARED REMOTE CONTROL RECEIVER
NJL71H000A NJRC-NJL71H000A Datasheet
124Kb / 5P
INFRARED REMOTE CONTROL RECEIVER
logo
Everlight Electronics C...
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
Infrared Remote-control Receiver Module
07-20-2005
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com