Electronic Components Datasheet Search
  English  ▼

X  

PT2266 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2266
Description  Infrared Remote Control Transmitter IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2266 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2266 Datasheet HTML 1Page - Princeton Technology Corp PT2266 Datasheet HTML 2Page - Princeton Technology Corp PT2266 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Infrared Remote Control Transmitter IC
PT2266
Princeton Technology Corp.
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2266 v2.0
3
Updated Oct. 1996
APPLICATION CIRCUIT
Vss
OSCI
OSCO
CNTR
S1
S2
S3
S4
S5
S6
S7
S8
Vcc
OUT
C5
C4
I8
I7
I6
I5
I4
I3
I2
I1
P T 2266
Vcc
LE D
20 0pF
20 0pF
39 3 KH z
15 0 Ohm s
15 0 Ohm s
47 uF
Vcc
S8550
1 Oh m
IR L ED
3V
+



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com