Electronic Components Datasheet Search
  English  ▼

X  

PT2266 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2266
Description  Infrared Remote Control Transmitter IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2266 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2266 Datasheet HTML 1Page - Princeton Technology Corp PT2266 Datasheet HTML 2Page - Princeton Technology Corp PT2266 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Infrared Remote Control Transmitter IC
PT2266
Princeton Technology Corp.
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2266 v2.0
1
Updated Oct. 1996
PTXXX is a remote control transmitter utilizing CMOS Technology specially designed for use on
infrared applications. It has 64 functions and a total of 76 commands can be transmitted. House in 24
pins DIP package, PT2266 has 2 address bits. PT2266 is functionally compatible with M50462AP.
DESCRIPTION
FEATURES
• High Performance CMOS Technology
• Low Power Consumption
At Stand-by Mode, Vcc = 3V …… 3 uW (max.)
At Normal Operation, Vcc = 3V …. 0.6 mW (max.)
• Least External Components
• Up to 76 Instructions
• Double Key Operation is possible
APPLICATIONS
• Television (TV) Remote Control Transmitter
• Video Cassette Recorder (VCR) Remote Control Transmitter


Similar Part No. - PT2266

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
REMOTE CONTROL ENCODER?
PT2260 PTC-PT2260 Datasheet
302Kb / 16P
Remote Control Encoder
logo
Silvan Chip Electronics...
PT2260 SILVAN-PT2260 Datasheet
109Kb / 2P
remote control encoder paired
logo
Princeton Technology Co...
PT2260-D PTC-PT2260-D Datasheet
302Kb / 16P
Remote Control Encoder
PT2260-R2 PTC-PT2260-R2 Datasheet
118Kb / 2P
REMOTE CONTROL ENCODER?
More results

Similar Description - PT2266

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7461M SANYO-LC7461M Datasheet
107Kb / 7P
Infrared Remote Control Transmitter IC
LC7463M SANYO-LC7463M Datasheet
144Kb / 7P
Infrared Remote Control Transmitter IC
LC7464M SANYO-LC7464M Datasheet
155Kb / 7P
Infrared Remote Control Transmitter IC
LC7465M SANYO-LC7465M Datasheet
187Kb / 8P
Infrared Remote Control Transmitter IC
logo
List of Unclassifed Man...
SAA1250 ETC-SAA1250 Datasheet
1,023Kb / 9P
Infrared Remote-Control Transmitter IC
logo
SHANGHAI BELLING CO., L...
BL0507 BELLING-BL0507 Datasheet
91Kb / 9P
Infrared Remote Control Transmitter IC
BL0508A1 BELLING-BL0508A1 Datasheet
60Kb / 1P
Infrared Remote Control Transmitter IC
logo
Princeton Technology Co...
PT2215 PTC-PT2215 Datasheet
448Kb / 16P
Infrared Remote Control Transmitter IC
logo
SHENZHEN FUMAN ELECTRON...
SC6122-00FF FUMAN-SC6122-00FF Datasheet
343Kb / 5P
Infrared remote control transmitter IC
TC6221 FUMAN-TC6221 Datasheet
526Kb / 10P
Infrared remote control transmitter IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com