Electronic Components Datasheet Search
  English  ▼

X  

KP461 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # KP461
Description  Polypropylene film foil capacitors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KP461 Datasheet(HTML) 4 Page - Vishay Siliconix

  KP461 Datasheet HTML 1Page - Vishay Siliconix KP461 Datasheet HTML 2Page - Vishay Siliconix KP461 Datasheet HTML 3Page - Vishay Siliconix KP461 Datasheet HTML 4Page - Vishay Siliconix KP461 Datasheet HTML 5Page - Vishay Siliconix KP461 Datasheet HTML 6Page - Vishay Siliconix KP461 Datasheet HTML 7Page - Vishay Siliconix KP461 Datasheet HTML 8Page - Vishay Siliconix KP461 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
2002 Oct 09
4
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 460 to 464
TYPE AND VOLTAGES
462
250 V
463
400 V
464
630 V
TYPE
PACKAGING
LEAD CONFIGURATION AND
TAPE DISTANCE
PREFERRED TYPES
C-TOL
250 V
400 V
630 V
462
Taped on reel
tape distance 63.5 mm
±1%
8
±2%
7
463
Taped on reel
tape distance 63.5 mm
±1%
8
±2%
7
464
Taped on reel
tape distance 63.5 mm
±1%
8
±2%
7
ON REQUEST
462
Taped on reel
tape distance 63.5 mm
±5%
6
Loose in box
lead length 30.0 or 28.0 mm
±1%
4
±2%
3
±5%
2
Unidirectional
±1%
1
±2%
0
463
Taped on reel
tape distance 63.5 mm
±5%
6
Loose in box
lead length 30.0 or 28.0 mm
±1%
4
±2%
3
±5%
2
Unidirectional
±1%
1
±2%
0
464
Taped on reel
tape distance 63.5 mm
±5%
6
Loose in box
lead length 30.0 or 28.0 mm
±1%
4
±2%
3
±5%
2
Unidirectional
±1%
1
±2%
0
MULTIPLIER
(nF)
0.0001
9
0.001
1
0.01
2
0.1
3
CAPACITANCE
(numerically)
Example:
1003
= 100 x 0.1 = 10 nF
2222
46.
X
XXX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com