Electronic Components Datasheet Search
  English  ▼

X  

KP463 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # KP463
Description  Polypropylene film foil capacitors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KP463 Datasheet(HTML) 2 Page - Vishay Siliconix

  KP463 Datasheet HTML 1Page - Vishay Siliconix KP463 Datasheet HTML 2Page - Vishay Siliconix KP463 Datasheet HTML 3Page - Vishay Siliconix KP463 Datasheet HTML 4Page - Vishay Siliconix KP463 Datasheet HTML 5Page - Vishay Siliconix KP463 Datasheet HTML 6Page - Vishay Siliconix KP463 Datasheet HTML 7Page - Vishay Siliconix KP463 Datasheet HTML 8Page - Vishay Siliconix KP463 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2002 Oct 09
2
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 460 to 464
KP AXIAL EPOXY LACQUERED TYPE
Fig.1 Simplified outlines.
296x12(full_width)
CBA369
FEATURES
• Supplied loose in box, taped on reel
or unidirectional.
• Intermediate values are available of
the E96 series.
APPLICATIONS
• In circuits where close tolerance,
reliability and low losses are of
prime importance, for example:
tuned circuits, filter and timing
networks.
DETAIL SPECIFICATION
For more detailed data and test
requirements see “Type detail
specification HQN-384-13/101”.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Capacitance range (E12 series)
47 to 62000 pF
Capacitance tolerance
±5% (E24 series);
±2% (E24, E48 series);
±1% (E24, E48, E96 series)
Rated (DC) voltage
63 V; 160 V; 250 V; 400 V; 630 V
Rated (AC) voltage
40 V; 63 V; 125 V; 160 V; 200 V
Climatic category
40/100/56
Rated temperature
85
°C
Maximum application temperature
100
°C
Reference specification
IEC 60384-13
Stability class for:
63; 160; 250 V versions
class 1
400; 630 V versions
class 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com