Electronic Components Datasheet Search
  English  ▼

X  

KP463 Datasheet(PDF) 21 Page - Vishay Siliconix

Part # KP463
Description  Polypropylene film foil capacitors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KP463 Datasheet(HTML) 21 Page - Vishay Siliconix

Back Button KP463 Datasheet HTML 17Page - Vishay Siliconix KP463 Datasheet HTML 18Page - Vishay Siliconix KP463 Datasheet HTML 19Page - Vishay Siliconix KP463 Datasheet HTML 20Page - Vishay Siliconix KP463 Datasheet HTML 21Page - Vishay Siliconix KP463 Datasheet HTML 22Page - Vishay Siliconix KP463 Datasheet HTML 23Page - Vishay Siliconix KP463 Datasheet HTML 24Page - Vishay Siliconix KP463 Datasheet HTML 25Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
2002 Oct 09
21
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 460 to 464
Fig.18 AC voltage (RMS value) as a function of frequency at Tamb ≤ 70 °C for URdc = 250 V.
296x12(full_width)
CBA376
10 8
10 7
106
10 5
10 4
10 3
10 0
10 1
10 2
AC voltage
(V)
f (Hz)
22000
pF
6800
pF
2400
pF
Fig.19 AC voltage (RMS value) as a function of frequency at 70
°C < Tamb ≤ 100 °C for URdc = 250 V.
296x12(full_width)
CBA898
10 8
10 7
106
10 5
10 4
10 3
10 0
10 1
10 2
AC voltage
(V)
f (Hz)
22000
pF
6800
pF
2400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com