Electronic Components Datasheet Search
  English  ▼

X  

STGIPS10K60A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGIPS10K60A
Description  IGBT intelligent power module (IPM) 10 A, 600 V, DBC isolated SDIP-25L molded
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS10K60A Datasheet(HTML) 1 Page - STMicroelectronics

  STGIPS10K60A Datasheet HTML 1Page - STMicroelectronics STGIPS10K60A Datasheet HTML 2Page - STMicroelectronics STGIPS10K60A Datasheet HTML 3Page - STMicroelectronics STGIPS10K60A Datasheet HTML 4Page - STMicroelectronics STGIPS10K60A Datasheet HTML 5Page - STMicroelectronics STGIPS10K60A Datasheet HTML 6Page - STMicroelectronics STGIPS10K60A Datasheet HTML 7Page - STMicroelectronics STGIPS10K60A Datasheet HTML 8Page - STMicroelectronics STGIPS10K60A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
June 2010
Doc ID 15587 Rev 5
1/17
17
STGIPS10K60A
IGBT intelligent power module (IPM)
10 A, 600 V, DBC isolated SDIP-25L molded
Features
■ 10 A, 600 V, 3-phase IGBT inverter bridge
including control ICs for gate driving and free-
wheeling diodes
■ 3.3 V, 5 V, 15 V CMOS/TTL inputs
comparators with hysteresis and pull down
resistor
■ Internal bootstrap diode
■ Interlocking function
■ 5 k
Ω NTC thermistor for temperature control
■ VCE(sat) negative temperature coefficient
■ Short-circuit rugged IGBT
■ Under-voltage lockout
■ DBC fully isolated package
■ Isolation rating of 2500 Vrms/min.
Applications
■ 3-phase inverters for low power motor drives
■ Home appliances, such as washing machines,
refrigerators, air conditioners
Description
The STGIPS10K60A intelligent power module
provides a compact, high performance AC motor
drive for a simple and rugged design. It mainly
targets low power inverters for applications such
as home appliances and air conditioners. It
combines ST proprietary control ICs with the most
advanced short circuit rugged IGBT system
technology. Please refer to dedicated technical
note TN0107 for mounting instructions.
SDIP-25L
Table 1.
Device summary
Order code
Marking
Package
Packaging
STGIPS10K60A
GIPS10K60A
SDIP-25L
Tube
www.st.com


Similar Part No. - STGIPS10K60A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS10K60A2 STMICROELECTRONICS-STGIPS10K60A2 Datasheet
535Kb / 18P
Short-circuit rugged IGBT
14-Apr-2015
More results

Similar Description - STGIPS10K60A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPL14K60 STMICROELECTRONICS-STGIPL14K60 Datasheet
485Kb / 21P
IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated SDIP-38L molded
14-Jun-2010
STGIPS14K60 STMICROELECTRONICS-STGIPS14K60 Datasheet
578Kb / 19P
IGBT intelligent power module (IPM) 12 A, 600 V, DBC isolated, SDIP-25L molded
15-Jun-2010
STGIPS20K60 STMICROELECTRONICS-STGIPS20K60 Datasheet
695Kb / 19P
IGBT intelligent power module (IPM) 17 A, 600 V, DBC isolated SDIP-25L molded
01-Jul-2010
logo
ON Semiconductor
NFAQ1060L33T ONSEMI-NFAQ1060L33T Datasheet
588Kb / 14P
Intelligent Power Module (IPM) 600 V, 10 A
January, 2020 ??Rev. 1
NFAQ1060L36TB ONSEMI-NFAQ1060L36TB Datasheet
511Kb / 14P
Intelligent Power Module (IPM) 600 V, 10 A
March, 2021 ??Rev. 0
STK541UC62K-E ONSEMI-STK541UC62K-E Datasheet
435Kb / 15P
Intelligent Power Module (IPM) 600 V, 10 A
October 2016 - Rev. 1
STK544UC63K-E ONSEMI-STK544UC63K-E Datasheet
317Kb / 13P
Intelligent Power Module (IPM), 600 V, 10 A
May, 2019 - Rev. 0
STK544UC62K-E ONSEMI-STK544UC62K-E Datasheet
453Kb / 16P
Intelligent Power Module (IPM) 600 V, 10 A
December 2016 - Rev. 3
STK551U362A-E ONSEMI-STK551U362A-E Datasheet
851Kb / 16P
Intelligent Power Module (IPM) 600 V, 10 A
December 2016 - Rev. 2
STK554U362C-E ONSEMI-STK554U362C-E Datasheet
337Kb / 16P
Intelligent Power Module (IPM) 600 V, 10 A
August 2017 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com