Electronic Components Datasheet Search
  English  ▼

X  

STGIPS10K60A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGIPS10K60A
Description  IGBT intelligent power module (IPM) 10 A, 600 V, DBC isolated SDIP-25L molded
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS10K60A Datasheet(HTML) 5 Page - STMicroelectronics

  STGIPS10K60A Datasheet HTML 1Page - STMicroelectronics STGIPS10K60A Datasheet HTML 2Page - STMicroelectronics STGIPS10K60A Datasheet HTML 3Page - STMicroelectronics STGIPS10K60A Datasheet HTML 4Page - STMicroelectronics STGIPS10K60A Datasheet HTML 5Page - STMicroelectronics STGIPS10K60A Datasheet HTML 6Page - STMicroelectronics STGIPS10K60A Datasheet HTML 7Page - STMicroelectronics STGIPS10K60A Datasheet HTML 8Page - STMicroelectronics STGIPS10K60A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STGIPS10K60A
Electrical ratings
Doc ID 15587 Rev 5
5/17
2
Electrical ratings
2.1
Absolute maximum ratings
Table 3.
Inverter part
Symbol
Parameter
Value
Unit
VPN
Supply voltage applied between P - NU, NV, NW
450
V
VPN(surge)
Supply voltage (surge) applied between P - NU,
NV, NW
500
V
VCES
Collector emitter voltage (VIN
(1) = 0)
1.
Applied between
HINi, LINi and GND for i = U, V, W.
600
V
± IC
(2)
2.
Calculated according to the iterative formula:
Each IGBT continuous collector current at
TC = 25°C
10
A
± ICP
(3)
3.
Pulse width limited by max junction temperature.
Each IGBT pulsed collector current
20
A
PTOT
Each IGBT total dissipation at TC = 25°C
26
W
tscw
Short-circuit withstand time, VCE = 0.5 V(BR)CES
Tj = 125 °C, VCC = Vboot= 15 V, VIN
(1)= 5 V
5µs
Table 4.
Control part
Symbol
Parameter
Value
Unit
VOUT
Output voltage applied between OUTU, OUTV,
OUTW - GND (VCC = 15 V)
-3 to Vboot -18
V
VCC
Low voltage power supply
-0.3 to +18
V
Vboot
Bootstrap voltage applied between Vboot i - OUTi
for i = U, V, W
-1 to 618
V
VIN
Logic input voltage applied between HINi, LINi
and GND for i = U, V, W
-0.3 to VCC+0.3
V
dVout/dt
Allowed output slew rate
50
V/ns
I
C TC
()
T
jmax
() TC
–
R
thj
c
–
V
CE sat
() max
() Tjmax
() IC TC
()
,
()
×
----------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com