Electronic Components Datasheet Search
  English  ▼

X  

PT2282 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2282
Description  Programmable Rolling Code Encoder IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2282 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2282 Datasheet HTML 1Page - Princeton Technology Corp PT2282 Datasheet HTML 2Page - Princeton Technology Corp PT2282 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ref. No. PT2282 pre 1.1
3
Written Oct.1998
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2282
Programmable Rolling Code Encoder IC
Preliminary
P T 2282 (8 P IN S )
Rosc
RF
12V
Note: In order that IC protection is assured, please make sure that a diode is connected between the battery
and the VDD. If the diode is not connected and the battery was inverted, then the IC will fail.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com