Electronic Components Datasheet Search
  English  ▼

X  

PT2282 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2282
Description  Programmable Rolling Code Encoder IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2282 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2282 Datasheet HTML 1Page - Princeton Technology Corp PT2282 Datasheet HTML 2Page - Princeton Technology Corp PT2282 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ref. No. PT2282 pre 1.1
1
Written Oct.1998
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2282
Programmable Rolling Code Encoder IC
Preliminary
DESCRIPTION
PT2282 is a programmable rolling code encoder IC utilizing CMOS Technology specially designed for
remote control applications. It has a maximum of 20 programmable Address Codes, 4 Data Bits, and 10
Rolling Code Bits. A total of 1,024 rolling code combinations and power saving feature are also provided.
PT2282 encodes the programmed codes into a coded waveform suitable for RF modulation. Pin assign-
ments and application circuit are optimized for easy PCB Layout and cost saving advantage. Housed in
either 8 pins or 16 pins DIP or SO Package, PT2282 also provides anti-scan features.
FEATURES
• CMOS Technology
• Low Power Consumption
• Least External Components
• High Noise Immunity
• Single Resistor Oscillator
• Operating Voltage: 1.8 V to 15 V
• Up to 220 Address Codes
• Up to 4 Data pins
• Up to 230 Output Code Combinations
• Power Saving Feature
• Available in 8-pin or 16-pin, SO or DIP Package
APPLICATIONS
• Burglar Alarm System
• Car Security System
• Car/Garage Door Controller
• Home/Office Security System
• Personal Alarm System


Similar Part No. - PT2282

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2283 PTC-PT2283 Datasheet
814Kb / 5P
Programmable Rolling Code Encoder IC
PT2283-16 PTC-PT2283-16 Datasheet
814Kb / 5P
Programmable Rolling Code Encoder IC
PT2283-16S PTC-PT2283-16S Datasheet
814Kb / 5P
Programmable Rolling Code Encoder IC
PT2283-S PTC-PT2283-S Datasheet
814Kb / 5P
Programmable Rolling Code Encoder IC
PT2283A PTC-PT2283A Datasheet
262Kb / 4P
Programmable Rolling Code Encoder IC
More results

Similar Description - PT2282

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2240 PTC-PT2240 Datasheet
47Kb / 4P
Programmable Encoder IC
PT2241 PTC-PT2241 Datasheet
48Kb / 3P
Programmable Encoder IC?
logo
National Semiconductor ...
NM95HS01 NSC-NM95HS01 Datasheet
296Kb / 20P
HiSeC-TM High Security Rolling Code Generator
logo
Princeton Technology Co...
PT2283 PTC-PT2283 Datasheet
814Kb / 5P
Programmable Rolling Code Encoder IC
logo
Holtek Semiconductor In...
HT6P60 HOLTEK-HT6P60 Datasheet
370Kb / 9P
Rolling Encoder
7th Aug 96
logo
Princeton Technology Co...
PT2240 PTC-PT2240_06 Datasheet
301Kb / 15P
Programmable Encoder IC
PT2241 PTC-PT2241_06 Datasheet
357Kb / 22P
Programmable Encoder IC
logo
Microchip Technology
HCS101 MICROCHIP-HCS101 Datasheet
314Kb / 20P
Fixed Code Encoder
1999-2013
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
logo
Princeton Technology Co...
PT2283A PTC-PT2283A Datasheet
262Kb / 4P
Programmable Rolling Code Encoder IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com