Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 210 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 210 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 206Page - ATMEL Corporation AT90USB82 Datasheet HTML 207Page - ATMEL Corporation AT90USB82 Datasheet HTML 208Page - ATMEL Corporation AT90USB82 Datasheet HTML 209Page - ATMEL Corporation AT90USB82 Datasheet HTML 210Page - ATMEL Corporation AT90USB82 Datasheet HTML 211Page - ATMEL Corporation AT90USB82 Datasheet HTML 212Page - ATMEL Corporation AT90USB82 Datasheet HTML 213Page - ATMEL Corporation AT90USB82 Datasheet HTML 214Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 306 page
background image
210
7707E–AVR–11/08
AT90USB82/162
• 3 - EORSTI - End Of Reset Interrupt Flag
Set by hardware when an “End Of Reset” has been detected by the USB controller. This triggers
an USB interrupt if EORSTE is set.
Shall be cleared by software. Setting by software has no effect.
• 2 - SOFI - Start Of Frame Interrupt Flag
Set by hardware when an USB “Start Of Frame” PID (SOF) has been detected (every 1 ms).
This triggers an USB interrupt if SOFE is set..
• 1 - Reserved
• 0 - SUSPI - Suspend Interrupt Flag
Set by hardware when an USB “Suspend” ‘idle bus for 3 frame periods: a J state for 3 ms) is
detected. This triggers an USB interrupt if SUSPE is set.
Shall be cleared by software. Setting by software has no effect.
See Section 20.8, page 199 for more details.
The interrupt flags bits are set even if their corresponding ‘Enable’ bits is not set.
• 7 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 6 - UPRSME - Upstream Resume Interrupt Enable Bit
Set to enable the UPRSMI interrupt.
Clear to disable the UPRSMI interrupt.
• 5 - EORSME - End Of Resume Interrupt Enable Bit
Set to enable the EORSMI interrupt.
Clear to disable the EORSMI interrupt.
• 4 - WAKEUPE - Wake-up CPU Interrupt Enable Bit
Set to enable the WAKEUPI interrupt.
Clear to disable the WAKEUPI interrupt.
• 3 - EORSTE - End Of Reset Interrupt Enable Bit
Set to enable the EORSTI interrupt. This bit is set after a reset.
Clear to disable the EORSTI interrupt.
• 2 - SOFE - Start Of Frame Interrupt Enable Bit
Set to enable the SOFI interrupt.
Bit
7
654
3210
-
UPRSME
EORSME
WAKEUPE EORSTE
SOFE
-
SUSPE
UDIEN
Read/Wri
te
R
R/W
R/W
R/W
R/W
R/W
R
R/W
Initial
Value
0
000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com