Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 212 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 212 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 208Page - ATMEL Corporation AT90USB82 Datasheet HTML 209Page - ATMEL Corporation AT90USB82 Datasheet HTML 210Page - ATMEL Corporation AT90USB82 Datasheet HTML 211Page - ATMEL Corporation AT90USB82 Datasheet HTML 212Page - ATMEL Corporation AT90USB82 Datasheet HTML 213Page - ATMEL Corporation AT90USB82 Datasheet HTML 214Page - ATMEL Corporation AT90USB82 Datasheet HTML 215Page - ATMEL Corporation AT90USB82 Datasheet HTML 216Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 306 page
background image
212
7707E–AVR–11/08
AT90USB82/162
• 7-5 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 4 - FNCERR -Frame Number CRC Error Flag
Set by hardware when a corrupted Frame Number in start of frame packet is received.
This bit and the SOFI interrupt are updated at the same time.
• 3-0 - Reserved
The value read from these bits is always 0. Do not set these bits.
20.18.2 USB device endpoint registers
• 7-3 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 2-0 - EPNUM2:0 Endpoint Number Bits
Set to select the number of the endpoint which shall be accessed by the CPU. See Section 20.5,
page 197 for more details.
Values greater than 100b are forbidden.
• 7-5 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 4-0 - EPRST4:0 - Endpoint FIFO Reset Bits
Set to reset the selected endpoint FIFO prior to any other operation, upon hardware reset or
when an USB bus reset has been received. See Section 20.3, page 196 for more information
Bit
7
654
3210
-
--FNCERR
----
UDMFN
Read/Wri
te
R
RRR/W
RRRR
Initial
Value
0
000
0000
Bit
7
654
3210
-
-
-
-
-
EPNUM2:0
UENUM
Read/Wri
te
R
RRR
RR/W
R/W
R/W
Initial
Value
0
000
0000
Bit
7
654
3210
-
-
-
EPRST D4 EPRST D3 EPRST D2 EPRST D1 EPRST D0 UERST
Read/Wri
te
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial
Value
0
000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com