Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 219 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 219 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 215Page - ATMEL Corporation AT90USB82 Datasheet HTML 216Page - ATMEL Corporation AT90USB82 Datasheet HTML 217Page - ATMEL Corporation AT90USB82 Datasheet HTML 218Page - ATMEL Corporation AT90USB82 Datasheet HTML 219Page - ATMEL Corporation AT90USB82 Datasheet HTML 220Page - ATMEL Corporation AT90USB82 Datasheet HTML 221Page - ATMEL Corporation AT90USB82 Datasheet HTML 222Page - ATMEL Corporation AT90USB82 Datasheet HTML 223Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 306 page
background image
219
7707E–AVR–11/08
AT90USB82/162
• 7-0 - DAT7:0 -Data Bits
Set by the software to read/write a byte from/to the endpoint FIFO selected by EPNUM.
• 7-0 - BYCT7:0 - Byte Count Bits
Set by the hardware. BYCT7:0 is:
- (for IN endpoint) increased after each writing into the endpoint and decremented after each
byte sent,
- (for OUT endpoint) increased after each byte sent by the host, and decremented after each
byte read by the software.
• 7-5 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 4-0 - EPINT4:0 - Endpoint Interrupts Bits
Set by hardware when an interrupt is triggered by the UEINTX register and if the corresponding
endpoint interrupt enable bit is set.
Cleared by hardware when the interrupt source is served.
Bit
76543210
DAT D7
DAT D6
DAT D5
DAT D4
DAT D3
DAT D2
DAT D1
DAT D0
UEDATX
Read/Wri
te
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial
Value
00000000
Bit
7
654
3210
BYCT D7
BYCT D6
BYCT D5
BYCT D4
BYCT D3
BYCT D2
BYCT D1
BYCT D0
UEBCLX
Read/Wri
te
R
RRR
RRRR
R
Initial
Value
0
000
0000
Bit
7
654
3210
-
-
-
EPINT D4
EPINT D3
EPINT D2
EPINT D1
EPINT D0
UEINT
Read/Wri
te
R
RRR
RRRR
R
Initial
Value
0
000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com