Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 220 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 220 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 216Page - ATMEL Corporation AT90USB82 Datasheet HTML 217Page - ATMEL Corporation AT90USB82 Datasheet HTML 218Page - ATMEL Corporation AT90USB82 Datasheet HTML 219Page - ATMEL Corporation AT90USB82 Datasheet HTML 220Page - ATMEL Corporation AT90USB82 Datasheet HTML 221Page - ATMEL Corporation AT90USB82 Datasheet HTML 222Page - ATMEL Corporation AT90USB82 Datasheet HTML 223Page - ATMEL Corporation AT90USB82 Datasheet HTML 224Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 306 page
background image
220
7707E–AVR–11/08
AT90USB82/162
21. PS/2
21.1 Characteristics
The PS/2 pad IO’s characteristics are:
– support 5.5V (min: 4.5V, max: 5.5V)
– open drain type
– Output voltage level threshold, MCU driving low thru a 1kΩ pull-up: VOLmax = 0,7V
– fall time with 1kΩ pull-up and 500pF load: 250ns < Tfall < 1µs
– internal 2.2kΩ to 10kΩ pull-up at Vcc (5V), controlled by firmware.
– High impedance output when disabled.
Figure 21-1. USB pad and PS/2 pad multiplexing
• Bit 7:1 – Reserved bits
Do not set these bits.
• Bit 0 – PS2EN : PS/2 Pad Enable
Set this bit to “1” to enable the PS/2 pad.
Set this bit to “0” to disable the PS/2 pad.
For more information about pad driving, see “USB/PS2 Software Output Enable register –
UPOE” on page 194.
USB Pad
PS/2 Pad
D+ / SCK
D- / SDATA
Bit
7
654
3
2
1
0
-
-
-
-
-
-
-
PS2EN
PS2CON
Read/Write
R
R
R
R
R
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com