Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 261 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 261 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 257Page - ATMEL Corporation AT90USB82 Datasheet HTML 258Page - ATMEL Corporation AT90USB82 Datasheet HTML 259Page - ATMEL Corporation AT90USB82 Datasheet HTML 260Page - ATMEL Corporation AT90USB82 Datasheet HTML 261Page - ATMEL Corporation AT90USB82 Datasheet HTML 262Page - ATMEL Corporation AT90USB82 Datasheet HTML 263Page - ATMEL Corporation AT90USB82 Datasheet HTML 264Page - ATMEL Corporation AT90USB82 Datasheet HTML 265Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 306 page
background image
261
7707E–AVR–11/08
AT90USB82/162
Note:
a = address high bits, b = address low bits, c = address extended bits, H = 0 - Low byte, 1 - High Byte, o = data out, i = data in,
x = don’t care
25.8.2
Serial Programming Characteristics
For characteristics of the Serial Programming module see “SPI Timing Characteristics” on page
265.
Read Extended Fuse Bits
0101 0000
0000 1000
xxxx xxxx
oooo oooo
Read Extended Fuse bits. “0” = pro-
grammed, “1” = unprogrammed. See
Table 25-3 on page 244 for details.
Read Calibration Byte
0011 1000
000x xxxx
0000 0000
oooo oooo
Read Calibration Byte
Poll RDY/BSY
1111 0000
0000 0000
xxxx xxxx
xxxx xxxo
If
o = “1”, a programming operation is
still busy. Wait until this bit returns to
“0” before applying another command.
Table 25-16. Serial Programming Instruction Set (Continued)
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com