Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 262 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 262 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 258Page - ATMEL Corporation AT90USB82 Datasheet HTML 259Page - ATMEL Corporation AT90USB82 Datasheet HTML 260Page - ATMEL Corporation AT90USB82 Datasheet HTML 261Page - ATMEL Corporation AT90USB82 Datasheet HTML 262Page - ATMEL Corporation AT90USB82 Datasheet HTML 263Page - ATMEL Corporation AT90USB82 Datasheet HTML 264Page - ATMEL Corporation AT90USB82 Datasheet HTML 265Page - ATMEL Corporation AT90USB82 Datasheet HTML 266Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 306 page
background image
262
7707E–AVR–11/08
AT90USB82/162
26. Electrical Characteristics
26.1 Absolute Maximum Ratings*
26.2 DC Characteristics
Operating Temperature....................................-55⋅C to +125⋅C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET & UVcc
with respect to Ground(7) .............................-0.5V to VCC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Voltage on UVcc with respect to Ground...........-0.5V to +6.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current
VCC and GND Pins................................ 200.0 mA
TA = -40⋅C to 85⋅C, VCC = 2.7V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.(5)
Typ.
Max.(5)
Units
VIL
Input Low Voltage,
Standard IOs(8)
VCC = 2.7V - 5.5V
-0.5
0.2VCC(1)
V
VIL1
Input Low Voltage,
XTAL1 pin
VCC = 2.7V - 5.5V
-0.5
0.1VCC(1)
V
VIL2
Input Low Voltage,
RESET pin
VCC = 2.7V - 5.5V
-0.5
0.1VCC(1)
V
VIL3
Input Low Voltage,
MOSI/MISO pins
VCC = 2.7V - 5.5V
-0.5
0.8
V
VIL4
Input Low Voltage, PS2
pins
VCC = 4.5V - 5.5V
-0.5
0.7
V
VIH
Input High Voltage,
Standard IOs(8)
VCC = 2.7V - 5.5V
0.6VCC(2)
VCC + 0.5
V
VIH1
Input High Voltage,
XTAL1 pin
VCC = 2.7V - 5.5V
0.7VCC(2)
VCC + 0.5
V
VIH2
Input High Voltage,
RESET pin
VCC = 2.7V - 5.5V
0.9VCC(2)
VCC + 0.5
V
VIH3
Input High Voltage,
MOSI/MISO pins
VCC = 2.7V - 5.5V
2
VCC + 0.5
V
VIH4
Input High Voltage, PS2
pins
VCC = 4.5V - 5.5V
2.4
VCC + 0.5
V
VOL
Output Low Voltage(3),
Standard IOs(8)
,
MOSI/MISO pins
IOL = 10mA, VCC = 5V
IOL = 5mA, VCC = 3V
0.7
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com