Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 294 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 294 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 290Page - ATMEL Corporation AT90USB82 Datasheet HTML 291Page - ATMEL Corporation AT90USB82 Datasheet HTML 292Page - ATMEL Corporation AT90USB82 Datasheet HTML 293Page - ATMEL Corporation AT90USB82 Datasheet HTML 294Page - ATMEL Corporation AT90USB82 Datasheet HTML 295Page - ATMEL Corporation AT90USB82 Datasheet HTML 296Page - ATMEL Corporation AT90USB82 Datasheet HTML 297Page - ATMEL Corporation AT90USB82 Datasheet HTML 298Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 306 page
background image
294
7707E–AVR–11/08
AT90USB82/162
30. Ordering Information
31. Packaging Information
Part Number
Temp. Range
Flash Memory Size
Package
Product Marking
90USB82-16MU
Industrial Green
8K
QFN32
90USB82-16MU
90USB162-16MU
Industrial Green
16K
QFN32
90USB162-16MU
90USB162-16AU
Industrial Green
16K
TQFP32
90USB162-16AU
Package Type
QFN32
PN, 32-Lead 5.0 x 5.0 mm Body, 0.50 mm Pitch
Quad Flat No Lead Package (QFN)
TQFP32
MA, 32-Lead 7 x 7 mm Body size, 1.00 mm Bodu Thickness
0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
Note:
If ultrasonic process is used for assembly, we recommend that frequency to be applied should be either below or
above the 12 to 26kHz range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com