Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 297 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 297 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 293Page - ATMEL Corporation AT90USB82 Datasheet HTML 294Page - ATMEL Corporation AT90USB82 Datasheet HTML 295Page - ATMEL Corporation AT90USB82 Datasheet HTML 296Page - ATMEL Corporation AT90USB82 Datasheet HTML 297Page - ATMEL Corporation AT90USB82 Datasheet HTML 298Page - ATMEL Corporation AT90USB82 Datasheet HTML 299Page - ATMEL Corporation AT90USB82 Datasheet HTML 300Page - ATMEL Corporation AT90USB82 Datasheet HTML 301Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 306 page
background image
297
7707E–AVR–11/08
AT90USB82/162
32. Errata
32.1 AT90USB162 Errata History
32.1.1
AT90USB162 First Release
1. High current consumption in sleep mode
If a pending interrupt cannot wake the part up from the selected mode, the current consump-
tion will increase during sleep when executing the SLEEP instruction directly after a SEI
instruction.
Problem Fix/workaround
Before entering sleep, interrupts not used to wake up the part from the sleep mode should
be disabled.
2. PS2 high level clamped to UCAP
When configured in PS2 mode, the output high level is clamped to the UCAP voltage level.
Problem Fix/workaround
None.
3. Transient perturbation in USB suspend mode generates overconsumption
In device mode and when the USB is suspended, transient perturbation received on the
USB lines generates a wake up state. However the idle state following the perturbation does
not set the SUSPI bit anymore. The internal USB engine remains in suspend mode but the
USB differential receiver is still enabled and generates a typical 300µA extra-power con-
sumption. Detection of the suspend state after the transient perturbation should be
performed by software (instead of reading the SUSPI bit).
Problem fix/workaround
USB waiver allows bus powered devices to consume up to 2.5mA in suspend state.
32.1.2
AT90USB162 Second Release
1. High current consumption in sleep mode
If a pending interrupt cannot wake the part up from the selected mode, the current consump-
tion will increase during sleep when executing the SLEEP instruction directly after a SEI
instruction.
Problem Fix/workaround
Silicon
Release
QFP32
‘DateCode LotNumber’ marking
QFN32
‘DateCode LotNumber’ marking
First Release
‘0705 6J4972’
‘0709 J4973-2’
‘0709 J5597-1’
all lots marked
90USB162–16MES
Second Release
‘0709 F3150-1’
‘0714 50-2’
‘0722 50-3’
‘0735 3151’
Third Release
All date codes after 0709
All other lots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com