Electronic Components Datasheet Search
  English  ▼

X  

STGIPS20K60 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGIPS20K60
Description  IGBT intelligent power module (IPM) 17 A, 600 V, DBC isolated SDIP-25L molded
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS20K60 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGIPS20K60 Datasheet HTML 3Page - STMicroelectronics STGIPS20K60 Datasheet HTML 4Page - STMicroelectronics STGIPS20K60 Datasheet HTML 5Page - STMicroelectronics STGIPS20K60 Datasheet HTML 6Page - STMicroelectronics STGIPS20K60 Datasheet HTML 7Page - STMicroelectronics STGIPS20K60 Datasheet HTML 8Page - STMicroelectronics STGIPS20K60 Datasheet HTML 9Page - STMicroelectronics STGIPS20K60 Datasheet HTML 10Page - STMicroelectronics STGIPS20K60 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STGIPS20K60
Electrical characteristics
Doc ID 16098 Rev 2
7/19
3
Electrical characteristics
(TJ = 25 °C unless otherwise specified)
Note:
tON and tOFF include the propagation delay time of the internal drive. tC(ON) and tC(OFF) are
the switching time of IGBT itself under the internally given gate driving condition.
Table 7.
Inverter part
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
VCE(sat)
Collector-emitter
saturation voltage
VCC = Vboot = 15 V, VIN
(1)= 0 ÷ 5 V,
IC = 12 A
-
2.2
2.75
V
VCC = Vboot = 15 V, VIN
(1)= 0 ÷ 5 V,
IC = 12 A, TJ = 125 °C
-1.8
ICES
Collector-cut off current
(VIN
(1)= 0 “logic state”)
VCE = 600 V, VCC = VBoot = 15 V
-
100
µA
VF
Diode forward voltage
VIN
(1) = 0 “logic state”, I
C = 12 A
-
3.8
V
Inductive load switching time and energy
ton
Turn-on time
VPN = 300 V,
VCC = Vboot = 15 V,
VIN
(1) = 0 ÷ 5 V,
IC = 12 A
(see
Figure 3)
-
300
-
ns
tc(on)
Crossover time (on)
-
150
-
toff
Turn-off time
-
730
-
tc(off)
Crossover time (off)
-
170
-
trr
Reverse recovery time
-
60
-
Eon
Turn-on switching losses
-
290
-
µJ
Eoff
Turn-off switching losses
-
250
-
1.
Applied between
HINi, LINi and GND for i = U, V, W. (LIN inputs are active-low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com