Electronic Components Datasheet Search
  English  ▼

X  

STGIPS20K60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGIPS20K60
Description  IGBT intelligent power module (IPM) 17 A, 600 V, DBC isolated SDIP-25L molded
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS20K60 Datasheet(HTML) 1 Page - STMicroelectronics

  STGIPS20K60 Datasheet HTML 1Page - STMicroelectronics STGIPS20K60 Datasheet HTML 2Page - STMicroelectronics STGIPS20K60 Datasheet HTML 3Page - STMicroelectronics STGIPS20K60 Datasheet HTML 4Page - STMicroelectronics STGIPS20K60 Datasheet HTML 5Page - STMicroelectronics STGIPS20K60 Datasheet HTML 6Page - STMicroelectronics STGIPS20K60 Datasheet HTML 7Page - STMicroelectronics STGIPS20K60 Datasheet HTML 8Page - STMicroelectronics STGIPS20K60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
July 2010
Doc ID 16098 Rev 2
1/19
19
STGIPS20K60
IGBT intelligent power module (IPM)
17 A, 600 V, DBC isolated SDIP-25L molded
Features
■ 17 A, 600 V 3-phase IGBT inverter bridge
including control ICs for gate driving and free-
wheeling diodes
■ 3.3 V, 5 V, 15 V CMOS/TTL inputs
comparators with hysteresis and pull down /
pull up resistors
■ Internal bootstrap diode
■ Interlocking function
■ VCE(sat) negative temperature coefficient
■ Short-circuit rugged IGBTs
■ Undervoltage lockout
■ Smart shutdown function
■ Comparator for fault protection against over
temperature and overcurrent
■ DBC fully isolated package
■ Isolation rating of 2500 Vrms/min
Applications
■ 3-phase inverters for motor drives
■ Home appliances, such as washing machines,
refrigerators, air conditioners
Description
The STGIPS20K60 intelligent power module
provides a compact, high performance AC motor
drive for a simple and rugged design. It mainly
targets low power inverters for applications such
as home appliances and air conditioners. It
combines ST proprietary control ICs with the most
advanced short circuit rugged IGBT system
technology. Please refer to dedicated technical
note TN0107 for mounting instructions.
SDIP-25L
Table 1.
Device summary
Order code
Marking
Package
Packaging
STGIPS20K60
GIPS20K60
SDIP-25L
Tube
www.st.com


Similar Part No. - STGIPS20K60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS20C60 STMICROELECTRONICS-STGIPS20C60 Datasheet
1Mb / 21P
SLLIMM small low-loss intelligent molded moduleI PM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
16-Jul-2013
STGIPS20C60-H STMICROELECTRONICS-STGIPS20C60-H Datasheet
791Kb / 20P
Undervoltage lockout
10-Apr-2015
STGIPS20C60T-H STMICROELECTRONICS-STGIPS20C60T-H Datasheet
992Kb / 19P
3-phase inverters for motor drives
10-Apr-2015
More results

Similar Description - STGIPS20K60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS10K60A STMICROELECTRONICS-STGIPS10K60A Datasheet
458Kb / 17P
IGBT intelligent power module (IPM) 10 A, 600 V, DBC isolated SDIP-25L molded
15-Jun-2010
STGIPL14K60 STMICROELECTRONICS-STGIPL14K60 Datasheet
485Kb / 21P
IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated SDIP-38L molded
14-Jun-2010
STGIPS14K60 STMICROELECTRONICS-STGIPS14K60 Datasheet
578Kb / 19P
IGBT intelligent power module (IPM) 12 A, 600 V, DBC isolated, SDIP-25L molded
15-Jun-2010
logo
ON Semiconductor
NFAQ0860L36T ONSEMI-NFAQ0860L36T Datasheet
510Kb / 14P
Intelligent Power Module (IPM) 600 V, 8 A
January, 2020 ??Rev. 0
NFAQ0560R43T ONSEMI-NFAQ0560R43T Datasheet
654Kb / 15P
Intelligent Power Module (IPM) 600 V, 5 A
February, 2021 ??Rev. 1
NFAQ1060L33T ONSEMI-NFAQ1060L33T Datasheet
588Kb / 14P
Intelligent Power Module (IPM) 600 V, 10 A
January, 2020 ??Rev. 1
NFAQ1560R43TL ONSEMI-NFAQ1560R43TL Datasheet
610Kb / 14P
Intelligent Power Module (IPM) 600 V, 15 A
February, 2021 ??Rev. 1
STK551U392A-E ONSEMI-STK551U392A-E Datasheet
855Kb / 16P
Intelligent Power Module (IPM) 600 V, 15 A
December 2016 - Rev. 2
STK554U362C-E ONSEMI-STK554U362C-E Datasheet
337Kb / 16P
Intelligent Power Module (IPM) 600 V, 10 A
August 2017 - Rev. 3
STK581U3C2D-E ONSEMI-STK581U3C2D-E Datasheet
436Kb / 15P
Intelligent Power Module (IPM) 600 V, 30 A
September 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com