Electronic Components Datasheet Search
  English  ▼

X  

PT2389 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2389
Description  5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2389 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2389 Datasheet HTML 1Page - Princeton Technology Corp PT2389 Datasheet HTML 2Page - Princeton Technology Corp PT2389 Datasheet HTML 3Page - Princeton Technology Corp PT2389 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Princeton Technology Corp.
5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
PT2389
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2389 v1.2
3
Updated July 1999
APPLICATION CIRCUIT
Direct Key Mode
Note: Please use 0.068uF , 1500pF Mylar Capacitors.
IN L
BL1
BL2
TL
OUT L
VC C
BIAS
GND
SE L
MUT E
CY C
BB
IN R
BR 1
BR 2
TR
OUT R
JAZZ
C LA SSIC
PO P S
ROC K
FLAT
BLED
3D
+
+
1u
IN _ L
0. 06 8u
15 00 p
15 00 p
5. 6K
1u
OU T_ L
10 K
0. 1u
0. 1u
0. 1u
+
+
47 u
10 0u
Vc c
BB
Jazz
C la ssic
Po ps
Rock
Flat
LE D
1u
IN _ R
0. 06 8u
15 00 p
15 00 p
1u
5. 6K
10 K
OU T_ R
4. 7K
Vc c
P T 2389
3D
470
0.1 u



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com