Electronic Components Datasheet Search
  English  ▼

X  

PT2389 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2389
Description  5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2389 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2389 Datasheet HTML 1Page - Princeton Technology Corp PT2389 Datasheet HTML 2Page - Princeton Technology Corp PT2389 Datasheet HTML 3Page - Princeton Technology Corp PT2389 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Princeton Technology Corp.
5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
PT2389
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2389 v1.2
1
Updated July 1999
DESCRIPTION
PT2389 is a 2-channel digital preset equalizer utilizing CMOS Technology. It provides 5 different
sound selections, namely: Flat/Normal, Rock, Pops, Classic and Jazz. Bass Booster and 3D Effects
may be added to any of 5 sound selections, thereby creating more audio versatility. PT2389 provides
two types of key selection mode, namely: the Direct and the Cyclic. Pin assignment and application
circuit are optimized for cost saving advantages and easy PCB layout.
FEATURES
n CMOS Technology
n Low Total Harmonic Distortion and High S/N Ratio: THD + N < 0.01%, S/N > 95 dB
n LED Display Output Mode
n Least External Components
n 5 Sound Selections Provided: Flat/Normal, Classic, Rock, Pops, and Jazz
n Bass Booster Function & 3D Effect Provided
n 2-Channel Output
n Wide Operating Voltage Range: 5 ~ 9 V
n Direct or Cyclic Key Selection is Provided
n Available in DIP or SO Package
APPLICATIONS
nWalkman
nCar Audio
nMini Compo
nMultimedia Audio Components
nMPEG Card


Similar Part No. - PT2389

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2389 PTC-PT2389 Datasheet
654Kb / 24P
5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
PT2389-S PTC-PT2389-S Datasheet
654Kb / 24P
5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
PT2389-SN PTC-PT2389-SN Datasheet
654Kb / 24P
5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
PT2389 PTC-PT2389_10 Datasheet
654Kb / 24P
5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
More results

Similar Description - PT2389

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2078P TOSHIBA-TA2078P Datasheet
197Kb / 6P
PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2380 PTC-PT2380 Datasheet
272Kb / 11P
4 Mode Preset Equalizer IC
PT2381 PTC-PT2381 Datasheet
338Kb / 3P
4-Mode Preset Equalizer IC?
PT2388 PTC-PT2388 Datasheet
112Kb / 4P
5-Mode Preset Equalizer IC???
logo
Sony Corporation
CXA2513M SONY-CXA2513M Datasheet
219Kb / 20P
3-Band Preset Graphic Equalizer IC (with standby and memory on last preset mode)
logo
Silan Microelectronics ...
SC5389 SILAN-SC5389 Datasheet
158Kb / 10P
5-MODE PRESET EQUALIZER IC WITH BASS BOOSTER & 3D EFFECTS
SC5388 SILAN-SC5388 Datasheet
155Kb / 9P
5-MODE PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2381 PTC-PT2381_10 Datasheet
292Kb / 13P
4-Mode Preset Equalizer IC
PT2388 PTC-PT2388_10 Datasheet
308Kb / 9P
5-Mode Preset Equalizer IC
PT2389 PTC-PT2389_10 Datasheet
654Kb / 24P
5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com