Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 49 Page - ON Semiconductor

Part # ADM1027
Description  dBCOOL??Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1027 Datasheet(HTML) 49 Page - ON Semiconductor

Back Button ADM1027 Datasheet HTML 45Page - ON Semiconductor ADM1027 Datasheet HTML 46Page - ON Semiconductor ADM1027 Datasheet HTML 47Page - ON Semiconductor ADM1027 Datasheet HTML 48Page - ON Semiconductor ADM1027 Datasheet HTML 49Page - ON Semiconductor ADM1027 Datasheet HTML 50Page - ON Semiconductor ADM1027 Datasheet HTML 51Page - ON Semiconductor ADM1027 Datasheet HTML 52Page - ON Semiconductor ADM1027 Datasheet HTML 53Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
REV. A
ADM1027
–49–
Table XIX. Register 0x63 – Enhance Acoustics Register 2 (Power-On Default = 0x00)
Bit
Name
R/W
Description
<2:0>
ACOU3
Read/Write
These bits select the ramp rate applied to the PWM3 output. Instead of PWM3 jumping
instantaneously to its newly calculated speed, PWM3 will ramp gracefully at the rate
determined by these bits. This effect enhances the acoustics of the fan being driven by the
PWM3 output.
Time slot increase
Time for 33% to 100%
000 = 1
35 sec
001 = 2
17.6 sec
010 = 3
11.8 sec
011 = 5
7 sec
100 = 8
4.4 sec
101 = 12
3 sec
110 = 24
1.6 sec
111 = 48
0.8 sec
<3>
EN3
Read/Write
When this bit is 1, acoustic enhancement is enabled on PWM3 output. When acoustic
enhancement is enabled, fan spin-up time should be disabled.
<6:4>
ACOU2
Read/Write
These bits select the ramp rate applied to the PWM2 output. Instead of PWM2 jumping
instantaneously to its newly calculated speed, PWM2 will ramp gracefully at the rate
determined by these bits. This effect enhances the acoustics of the fans being driven by
the PWM2 output.
Time slot increase
Time for 33% to 100%
000 = 1
35 sec
001 = 2
17.6 sec
010 = 3
11.8 sec
011 = 5
7 sec
100 = 8
4.4 sec
101 = 12
3 sec
110 = 24
1.6 sec
111 = 48
0.8 sec
<7>
EN2
Read/Write
When this bit is 1, acoustic enhancement is enabled on PWM2 output. When acoustic
enhancement is enabled, fan spin-up time should be disabled.
This register becomes read-only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to this register
will have no effect.
Rev. 3 | Page 49 of 56 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com