Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ADM1027
Description  dBCOOL??Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1027 Datasheet(HTML) 2 Page - ON Semiconductor

  ADM1027 Datasheet HTML 1Page - ON Semiconductor ADM1027 Datasheet HTML 2Page - ON Semiconductor ADM1027 Datasheet HTML 3Page - ON Semiconductor ADM1027 Datasheet HTML 4Page - ON Semiconductor ADM1027 Datasheet HTML 5Page - ON Semiconductor ADM1027 Datasheet HTML 6Page - ON Semiconductor ADM1027 Datasheet HTML 7Page - ON Semiconductor ADM1027 Datasheet HTML 8Page - ON Semiconductor ADM1027 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
REV. A
–2–
ADM1027–SPECIFICATIONS
1, 2, 3, 4 (T
A = TMIN to TMAX (0 C to 105 C), VCC = VMIN to VMAX (3 V to 5.5 V),
unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Supply Voltage
3.0
3.3
5.5
V
Supply Current, ICC
1.4
3
mA
Interface Inactive, ADC Active
TEMP-TO-DIGITAL CONVERTER
Local Sensor Accuracy
± 3
oC
0
oC
TA
105
oC
± 2
oC
0
oC
TA
70
oC
± 1
oC
TA = 40
oC
Resolution
0.25
oC
Remote Diode Sensor Accuracy
± 3
oC
0
oC
TD
120
oC
± 1.5
oC
0
oC
TD
120
oC; 0oC
TA
70
oC
± 1
oC
TA = 40
oC
oC
0
oC
TD
120
oC; T
A = 40
oC
Resolution
0.25
oC
Remote Sensor Source Current
200
mA
High Level
12
mA
Low Level
ANALOG-TO-DIGITAL CONVERTER
(INCLUDING MUX AND ATTENUATORS)
Total Unadjusted Error, TUE
± 0.5
± 1
%
All ADC Inputs except 12 V
± 1.5
%
12 V Input
Differential Nonlinearity, DNL
± 1
LSB
8 Bits
Power Supply Sensitivity
± 0.1
%/V
Conversion Time (Voltage Input)
11.38
12.29
ms
Averaging Enabled
Conversion Time (Local Temperature)
12.09
13.05
ms
Averaging Enabled
Conversion Time (Remote Temperature)
25.59
27.64
ms
Averaging Enabled
Total Monitoring Cycle Time
120.17
129.78
ms
Averaging Enabled
Total Monitoring Cycle Time
13.51
14.59
ms
Averaging Disabled
Input Resistance
80
140
250
k
FAN RPM-TO-DIGITAL CONVERTER
Accuracy
± 6
%
0
oC
TA
70
oC
± 8
%
3.0 V
VCC
3.6 V
Full-Scale Count
65,535
Nominal Input RPM
109
RPM
Fan Count = 0xBFFF
329
RPM
Fan Count = 0x3FFF
5,000
RPM
Fan Count = 0x0438
10,000
RPM
Fan Count = 0x021C
Internal Clock Frequency
82.8
90
97.2
kHz
OPEN-DRAIN DIGITAL OUTPUTS,
PWM1–PWM3, XTO
Current Sink, IOL
8.0
mA
Output Low Voltage, VOL
0.4
V
IOUT = –8.0 mA, VCC = 3.3 V
High Level Output Current, IOH
0.1
1
mA
VOUT = VCC
Rev. 3 | Page 2 of 56 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com