Electronic Components Datasheet Search
  English  ▼

X  

PT2398 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2398
Description  Echo/Surround Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2398 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2398 Datasheet HTML 1Page - Princeton Technology Corp PT2398 Datasheet HTML 2Page - Princeton Technology Corp PT2398 Datasheet HTML 3Page - Princeton Technology Corp PT2398 Datasheet HTML 4Page - Princeton Technology Corp PT2398 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Tel : 886-2-29162151
Fax : 886-2-29174598
URL: http://www.princeton.com.tw
Echo/Surround Processor
PT2398
PT2398 v1.3
Page 7
Written March 1998
Princeton Technology Corp.
PT2398 Echo Application Circuit
Note:
External Resistor having a value of 10 K Ohms to 50 K Ohms may be
used. The recommended Resistor Value ( R ) is 10 K Ohms. When the value of
the Resistor ( R ) increases, the range of the Delay Time also increases.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com