Electronic Components Datasheet Search
  English  ▼

X  

PT2398 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2398
Description  Echo/Surround Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2398 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2398 Datasheet HTML 1Page - Princeton Technology Corp PT2398 Datasheet HTML 2Page - Princeton Technology Corp PT2398 Datasheet HTML 3Page - Princeton Technology Corp PT2398 Datasheet HTML 4Page - Princeton Technology Corp PT2398 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Tel : 886-2-29162151
Fax : 886-2-29174598
URL: http://www.princeton.com.tw
Echo/Surround Processor
PT2398
PT2398 v1.3
Page 9
Written March 1998
Princeton Technology Corp.
PT2398 Surround Application Circuit
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PT2398
0.01uF
75K
0.33uF
0.01uF
7.5K
7.5K
75K
0.33uF
0.047uF
0.047uF
15K
15K
10K
560pF
5600pF
560pF
12K
10K
5600pF
15K
4.7uF
Input
100K
10uF 3K
Output
1
2
3
4
5
6
7
8
9
10
11
12
13
14
R
20K
+5V
+5V
+5V
47uF
0.1uF
100uF
0.1uF
100uF
AGND DGND
Note: External Resistor having a value of 10 K Ohms to 50 K Ohms may be used. The
recommended Resistor Value ( R ) is 10 K Ohms. When the value of the Resistor ( R )
increases, the range of the Delay Time also increases.
Order Information
Part Number
Package
PT2398
28 Pins, DIP (600 mil)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com