Electronic Components Datasheet Search
  English  ▼

X  

TL16CP754CIPM Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TL16CP754CIPM
Description  QUAD UARTS WITH 64-BYTE FIFO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16CP754CIPM Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL16CP754CIPM Datasheet HTML 10Page - Texas Instruments TL16CP754CIPM Datasheet HTML 11Page - Texas Instruments TL16CP754CIPM Datasheet HTML 12Page - Texas Instruments TL16CP754CIPM Datasheet HTML 13Page - Texas Instruments TL16CP754CIPM Datasheet HTML 14Page - Texas Instruments TL16CP754CIPM Datasheet HTML 15Page - Texas Instruments TL16CP754CIPM Datasheet HTML 16Page - Texas Instruments TL16CP754CIPM Datasheet HTML 17Page - Texas Instruments TL16CP754CIPM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
TL16CP754C, TL16CM754C, TL16C754C
SLLS644E – DECEMBER 2007 – REVISED MAY 2010
www.ti.com
Figure 6. FIFO Polled Mode Operation
DMA Signaling
There are two modes of DMA operation, DMA mode 0 or 1, selected by FCR[3].
In DMA mode 0 or FIFO disable (FCR[0]=0) DMA occurs in single character transfers. In DMA mode 1
multicharacter (or block) DMA transfers are managed to relieve the processor for longer periods of time.
Single DMA Transfers (DMA Mode0/FIFO Disable)
Transmitter: When empty, the TXRDY signal becomes active. TXRDY goes inactive after one character has
been loaded into it.
Receiver: RXRDY is active when there is at least one character in the FIFO. It becomes inactive when the
receiver is empty.
Figure 7 shows TXRDY and RXRDY in DMA mode 0/FIFO disable.
Figure 7. TXRDY and RXRDY in DMA Mode 0/FIFO Disable
Block DMA Transfers (DMA Mode1)
Transmitter: TXRDY is active when a trigger level number of spaces are available. It becomes inactive when the
FIFO is full.
Receiver: RXRDY becomes active when the trigger level has been reached or when a timeout interrupt occurs. It
goes inactive when the FIFO is empty or an error in the RX FIFO is flagged by LSR(7).
Figure 8 shows TXRDY and RXRDY in DMA mode 1.
14
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): TL16CP754C TL16CM754C TL16C754C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com