Electronic Components Datasheet Search
  English  ▼

X  

TL16CP754CIPM Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TL16CP754CIPM
Description  QUAD UARTS WITH 64-BYTE FIFO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16CP754CIPM Datasheet(HTML) 20 Page - Texas Instruments

Back Button TL16CP754CIPM Datasheet HTML 16Page - Texas Instruments TL16CP754CIPM Datasheet HTML 17Page - Texas Instruments TL16CP754CIPM Datasheet HTML 18Page - Texas Instruments TL16CP754CIPM Datasheet HTML 19Page - Texas Instruments TL16CP754CIPM Datasheet HTML 20Page - Texas Instruments TL16CP754CIPM Datasheet HTML 21Page - Texas Instruments TL16CP754CIPM Datasheet HTML 22Page - Texas Instruments TL16CP754CIPM Datasheet HTML 23Page - Texas Instruments TL16CP754CIPM Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
TL16CP754C, TL16CM754C, TL16C754C
SLLS644E – DECEMBER 2007 – REVISED MAY 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS, VCC = 3.3 V ±10%
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
0.7 × VCC
V
0.3 ×
VIL
Low-level input voltage
V
VCC
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
1.8
mA
IOL
Low-level output current
All outputs
3.2
mA
Oscillator/clock speed
32
MHz
RECOMMENDED OPERATING CONDITIONS, VCC = 5 V ±10%
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
5.5
V
VI
Input voltage
VCC
V
Except XIN
0
VIH
High-level input voltage
V
XIN
0.7 × VCC
Except XIN
0.8
VIL
Low-level input voltage
V
0.3 ×
XIN
VCC
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
4
mA
IOL
Low-level output current
All outputs
4
mA
Oscillator/clock speed
48
MHz
20
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): TL16CP754C TL16CM754C TL16C754C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com