Electronic Components Datasheet Search
  English  ▼

X  

PT2560 Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # PT2560
Description  Infrared Remote Control Transmitter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2560 Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button PT2560 Datasheet HTML 5Page - Princeton Technology Corp PT2560 Datasheet HTML 6Page - Princeton Technology Corp PT2560 Datasheet HTML 7Page - Princeton Technology Corp PT2560 Datasheet HTML 8Page - Princeton Technology Corp PT2560 Datasheet HTML 9Page - Princeton Technology Corp PT2560 Datasheet HTML 10Page - Princeton Technology Corp PT2560 Datasheet HTML 11Page - Princeton Technology Corp PT2560 Datasheet HTML 12Page - Princeton Technology Corp PT2560 Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Infrared Remote Control Transmitter
PT2560
PT2560 v 2.0
Page 9
Written July 1998
Input
KO Lines
Custom Codes
CS
KO0
KO1
KO2
KO3
KO4
C0
C1
C2
C3
C4
C5
C6
C7
00
000
0/1
0
0
*
*
10
000
0/1
0
0
*
*
01
000
0/1
0
0
*
*
*
1
1
000
0/1
0
0
*
*
00
100
0/1
0
0
*
*
*
1
0
100
0/1
0
0
*
*
*
0
1
100
0/1
0
0
*
*
*
*
11
100
0/1
0
0
*
*
00
010
0/1
0
0
*
*
*
1
0
010
0/1
0
0
*
*
*
0
1
010
0/1
0
0
*
*
*
*
11
010
0/1
0
0
*
*
*
0
0
110
0/1
0
0
*
*
*
*
10
110
0/1
0
0
*
*
*
*
01
110
0/1
0
0
*
*
*
*
*
1
1
110
0/1
0
0
*
*
00
001
0/1
0
0
*
*
*
1
0
001
0/1
0
0
*
*
*
0
1
001
0/1
0
0
*
*
*
*
11
001
0/1
0
0
*
*
*
0
0
101
0/1
0
0
*
*
*
*
10
101
0/1
0
0
*
*
*
*
01
101
0/1
0
0
*
*
*
*
*
1
1
101
0/1
0
0
*
*
*
0
0
011
0/1
0
0
*
*
*
*
10
011
0/1
0
0
*
*
*
*
01
011
0/1
0
0
*
*
*
*
*
1
1
011
0/1
0
0
*
*
*
*
00
111
0/1
0
0
*
*
*
*
*
1
0
111
0/1
0
0
*
*
*
*
*
0
1
111
0/1
0
0
*
*
*
*
*
*
11
111
0/1
0
0
Note: * = CS is connected to the respective KO Line.
For PT2650-001, Custom Code Bit 5 (C5) = “0”.
For PT2560-003, Custom Code Bit 5 (C5) = “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com