Electronic Components Datasheet Search
  English  ▼

X  

PT2560 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT2560
Description  Infrared Remote Control Transmitter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2560 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT2560 Datasheet HTML 9Page - Princeton Technology Corp PT2560 Datasheet HTML 10Page - Princeton Technology Corp PT2560 Datasheet HTML 11Page - Princeton Technology Corp PT2560 Datasheet HTML 12Page - Princeton Technology Corp PT2560 Datasheet HTML 13Page - Princeton Technology Corp PT2560 Datasheet HTML 14Page - Princeton Technology Corp PT2560 Datasheet HTML 15Page - Princeton Technology Corp PT2560 Datasheet HTML 16Page - Princeton Technology Corp PT2560 Datasheet HTML 17Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Infrared Remote Control Transmitter
PT2560
PT2560 v 2.0
Page 13
Written July 1998
Application Circuit 6
(
Double Key Operation)
VD D
DO UT K O 0
K O 1
K O 2
K O 3
K O 4
K O 5
K O 6
K O 7
V S S
T E S T
S E L O S C 1
O S C 2
C S
K I0
K I 1
K I 2
K I3
P T 25 60-0 0 3
Bit ‘1 “
KO 0
E xam p les :
KO 0
KO 5
CS
KI0
CS
B it ‘0 “
(N o C onne c tion)
Or
C u s tom C ode S e ttin g
D o uble K e y
IR
+
+
-
3V
47 uF
45 5
KH z
100pF
100pF
1 K Oh m s
2 O h m s
1
2
37
8
5
6
4
9
10
11
12
16
15
13
17
21
33
34
35
22
23
24
29
25
26
30
32
31
28
27
18
19
20
14
Note: Please take note that if you are replacing M50560 with PT2560, you do not need to connect an
external capacitor to PT2560's Pin No. 3 (SEL PIN). PT2560 SEL Pin must be connected to the Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com