Electronic Components Datasheet Search
  English  ▼

X  

ADP3293 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADP3293
Description  8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3293 Datasheet(HTML) 5 Page - ON Semiconductor

  ADP3293 Datasheet HTML 1Page - ON Semiconductor ADP3293 Datasheet HTML 2Page - ON Semiconductor ADP3293 Datasheet HTML 3Page - ON Semiconductor ADP3293 Datasheet HTML 4Page - ON Semiconductor ADP3293 Datasheet HTML 5Page - ON Semiconductor ADP3293 Datasheet HTML 6Page - ON Semiconductor ADP3293 Datasheet HTML 7Page - ON Semiconductor ADP3293 Datasheet HTML 8Page - ON Semiconductor ADP3293 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
ADP3293
http://onsemi.com
5
PIN ASSIGNMENT
Pin No. Mnemonic
Description
1
EN
Power Supply Enable Input. Pulling this pin to GND disables the PWM outputs and pulls the PWRGD output low.
2
PWRGD
Power−Good Output. Open−drain output that signals when the output voltage is outside of the proper operating range.
3
FBRTN
Feedback Return. VID DAC and error amplifier input for remote sensing of the output voltage.
4
FB
Feedback Input. Error amplifier reference for remote sensing of the output voltage. An external resistor between
this pin and the output voltage sets the no−load offset point.
5
COMP
Error Amplifier Output and Compensation Point.
6
SS
Soft−Start Delay Setting Input. An external capacitor connected between this pin and GND sets the soft−start
ramp−up time. After startup, pin used to control DVID slew−rate.
7
DELAY
Delay Timer Setting Input. An external capacitor connected between this pin and GND sets the overcurrent
latchoff delay time, boot voltage hold time, EN delay time, and PWRGD delay time.
8
TRDET
Transient detection output. This pin is pulled low when a load release transient is detected.
9
VRHOT
VR Hot Output. Active high open−drain output that signals when the temperature of the temperature sensor
connected to TTSNS exceeds the programmed VRHOT temperature threshold.
10
TTSNS
VR Hot Thermal Throttling Sense Input. An NTC thermistor between this pin and GND is used to remotely sense
the temperature at the desired thermal monitoring point.
11
ILIM
Current Sense and Limit Pin. Connecting a resistor from this pin to CSCOMP sets the internal current sensing
signal for current limit and IMON.
12
RT
Frequency Setting Resistor Input. An external resistor connected between this pin and GND sets the PWM
oscillator frequency.
13
RAMP
PWM Ramp Slope Setting Input. An external resistor from the converter input voltage to this pin sets the slope of
the internal PWM ramp.
14
LLINE
Output Load Line Programming Input. This pin can be directly connected to CSCOMP, or it can be connected to
the center point of a resistor divider between CSCOMP and CSREF. Connecting LLINE to CSREF disables
positioning.
15
CSREF
Current Sense Reference Voltage Input. The voltage on this pin is used as the reference for the current sense
amplifier and the power−good and crowbar functions. This pin should be connected to the common point of the
output inductors.
16
CSSUM
Current Sense Summing Node. External resistors from each switch node to this pin sum the inductor currents
together to measure the total output current.
17
CSCOMP
Current Sense Compensation Point. A resistor and capacitor from this pin to CSSUM determines the gain of the
current sense amplifier and the positioning loop response time.
18
GND
Ground. All internal biasing and the logic output signals of the device are referenced to this ground.
19
OD
Output Disable Logic Output for phase 1. This pin is actively pulled low when the EN input is low or when VCC is
below its UVLO threshold to signal to the Driver IC that the driver high−side and low−side outputs should go low.
20
IREF
Current Reference Input. An external resistor from this pin to ground sets the internal reference current used to
generate IFB, IDELAY, ISS, ICL, and ITTSNS.
21
IMON
IMON Total Current Output Pin. A resistor/capacitor from this pin to FBRTN/VSS Sense sets the IMON signal.
22
NC
No Connection
23 to
25
SW3 to
SW1
Current Balance Inputs. Inputs for measuring the current level in each phase. The SW pins of unused phases
should be left open.
26
ODN
Output Disable Logic output for PSI Operation. This pin is pulled low when PSI is low, otherwise it functions the
same as OD.
27
NC
No Connection
28 to
30
PWM3 to
PMW1
Logic−Level PWM Outputs. Each output is connected to the input of an external MOSFET driver such as the
ADP3121. Connecting the PWM4, and/or PWM3 output to VCC causes that phase to turn off, allowing the
ADP3293 to operate as a 2− or 3−phase controller.
31
VCC
Supply Voltage for the Device. A 340W resistor should be placed between the 12 V system supply and the VCC
pin. The internal shunt regulator maintains VCC = 5.0 V.
32 to
39
VID7 to
VID0
Voltage Identification DAC Inputs. These eight pins are pulled down to GND, providing a Logic 0 if left open.
When in normal operation mode, the DAC output programs the FB regulation voltage from 0.5 V to 1.6 V.
40
PSI
Power State Indicator Input. Pulling this pin low places controller in lower power state operation.
NOTE: True no connect. Printed circuit board traces are allowable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com